Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24C01B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C01B Datasheet HTML 5Page - ATMEL Corporation AT24C01B Datasheet HTML 6Page - ATMEL Corporation AT24C01B Datasheet HTML 7Page - ATMEL Corporation AT24C01B Datasheet HTML 8Page - ATMEL Corporation AT24C01B Datasheet HTML 9Page - ATMEL Corporation AT24C01B Datasheet HTML 10Page - ATMEL Corporation AT24C01B Datasheet HTML 11Page - ATMEL Corporation AT24C01B Datasheet HTML 12Page - ATMEL Corporation AT24C01B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
8517C–SEEPR–01/09
AT24C01B/02B/04B/08B
9.
Device Addressing
The 1K/2K/4K/8K EEPROM device requires an 8-bit device address word following a start con-
dition to enable the chip for a read or write operation (see Figure 11-1 on page 10).
The device address word consists of a mandatory “1”, “0” sequence for the first four most signif-
icant bits as shown. This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 1K/2K EEPROM. These 3 bits
must compare to their corresponding hardwired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the A0 bit being a memory
address bit (P0) (see Figure 11-1 on page 10). The two device address bits must compare to
their corresponding hardwired input pins. The A0 pin is no connect.
The 8K EEPROM only uses the A2 device address bit with the next two bits (P9, P0) being for
memory page addressing (See Figure 11-1 on page 10). The A2 bit must compare to its corre-
sponding hardwired input pin. The A1 and A0 pins are no connect.
The eighth bit of the device address is the read/write operation select bit. A read operation is ini-
tiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is not made,
the chip will return to a standby state.
10. Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a “0” and then clock in the first 8-bit data word. Following receipt of the 8-bit data
word, the EEPROM will output a “0” and the addressing device, such as a microcontroller, must
terminate the write sequence with a stop condition. At this time the EEPROM enters an internally
timed write cycle, t
WR, to the nonvolatile memory. All inputs are disabled during this write cycle
and the EEPROM will not respond until the write is complete (see Figure 11-2 on page 11).
PAGE WRITE: The 1K/2K EEPROM is capable of an 8-byte page write. The 4K/8K devices are
capable of 16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop
condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to seven (1K/2K) or fifteen (4K/
8K) more data words. The EEPROM will respond with a “0” after each data word received. The
microcontroller must terminate the page write sequence with a stop condition (see Figure 11-3
on page 11).
The data word address lower three (1K/2K) or four (4K/8K) bits are internally incremented fol-
lowing the receipt of each data word. The higher data word address bits are not incremented,
retaining the memory page row location. When the word address, internally generated, reaches
the page boundary, the following byte is placed at the beginning of the same page. If more than
eight (1K/2K) or sixteen (4K/8K) data words are transmitted to the EEPROM, the data word
address will “roll over” and previous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com