Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJH60D2DPP-M0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJH60D2DPP-M0
Description  Silicon N Channel IGBT cation: Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D2DPP-M0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJH60D2DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJH60D2DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJH60D2DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJH60D2DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REJ03G1841-0100 Rev.1.00 Oct 14, 2009
Page 1 of 3
Preliminary
RJH60D2DPP-M0
Silicon N Channel IGBT
Application: Inverter
REJ03G1841-0100
Rev.1.00
Oct 14, 2009
Features
• High breakdown-voltage
• Low on-voltage
• Built-in diode
Outline
RENESAS Package code: PRSS0003AF-A
(Package name: TO-220FL)
1
2
3
1. Gate
2. Collector
3. Emitter
C
G
E
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage / diode reverse voltage
VCES / VR
600
V
Gate to emitter voltage
VGES
±30
V
Tc = 25°C
IC
20
A
Collector current
Tc = 100°C
IC
10
A
Collector peak current
ic(peak)
Note1
40
A
Collector to emitter diode forward current
iDF
10
A
Collector to emitter diode forward peak current
iDF(peak)
Note1
40
A
Collector dissipation
PC
Note2
22.5
W
Junction to case thermal impedance
θj-c Note2
5.5
°C/ W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Value at Tc = 25
°C


Similar Part No. - RJH60D2DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
600V - 12A - IGBT Application: Inverter
More results

Similar Description - RJH60D2DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0 Datasheet
171Kb / 4P
Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
Silicon N Channel IGBT Application: Inverter
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D3DPE RENESAS-RJH60D3DPE_10 Datasheet
87Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D7DPK RENESAS-RJH60D7DPK_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com