Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2499CUHF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2499CUHF
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499CUHF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2499CUHF Datasheet HTML 17Page - Linear Technology LTC2499CUHF Datasheet HTML 18Page - Linear Technology LTC2499CUHF Datasheet HTML 19Page - Linear Technology LTC2499CUHF Datasheet HTML 20Page - Linear Technology LTC2499CUHF Datasheet HTML 21Page - Linear Technology LTC2499CUHF Datasheet HTML 22Page - Linear Technology LTC2499CUHF Datasheet HTML 23Page - Linear Technology LTC2499CUHF Datasheet HTML 24Page - Linear Technology LTC2499CUHF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC2499
21
2499fc
Initiating a New Conversion
When the LTC2499 finishes a conversion, it automatically
enters the sleep state. Once in the sleep state, the device is
ready for a read operation. After the device acknowledges
a read request, the device exits the sleep state and enters
the data output state. The data output state concludes and
the LTC2499 starts a new conversion once a Stop condi-
tion is issued by the master or all 32 bits of data are read
out of the device.
During the data read cycle, a Stop command may be issued
by the master controller in order to start a new conversion
and abort the data transfer. This Stop command must be
issued during the ninth clock cycle of a byte read when
the bus is free (the ACK/NAK cycle).
LTC2499 Address
The LTC2499 has three address pins (CA0, CA1, CA2).
Each may be tied high, low, or left floating enabling one
of 27 possible addresses (see Table 5).
In addition to the configurable addresses listed in Table 5,
the LTC2499 also contains a global address (1110111)
which may be used for synchronizing multiple LTC2499s or
other LTC24XX delta-sigma I2C devices (see Synchronizing
Multiple LTC2499s with a Global Address Call section).
Operation Sequence
The LTC2499 acts as a transmitter or receiver, as shown
in Figure 6. The device may be programmed to perform
several functions. These include input channel selection,
measure the internal temperature, selecting the line fre-
quency rejection (50Hz, 60Hz, or simultaneous 50Hz and
60Hz), and a 2x speed mode.
Continuous Read
In applications where the input channel/configuration does
not need to change for each cycle, the conversion can be
continuously performed and read without a write cycle
(see Figure 7). The configuration/input channel remains
unchanged from the last value written into the device. If
the device has not been written to since power up, the
configuration is set to the default value. At the end of a
read operation, a new conversion automatically begins.
At the conclusion of the conversion cycle, the next result
Table 5. Address Assignment
CA2
CA1
CA0
ADDRESS
LOW
LOW
LOW
0010100
LOW
LOW
HIGH
0010110
LOW
LOW
FLOAT
0010101
LOW
HIGH
LOW
0100110
LOW
HIGH
HIGH
0110100
LOW
HIGH
FLOAT
0100111
LOW
FLOAT
LOW
0010111
LOW
FLOAT
HIGH
0100101
LOW
FLOAT
FLOAT
0100100
HIGH
LOW
LOW
1010110
HIGH
LOW
HIGH
1100100
HIGH
LOW
FLOAT
1010111
HIGH
HIGH
LOW
1110100
HIGH
HIGH
HIGH
1110110
HIGH
HIGH
FLOAT
1110101
HIGH
FLOAT
LOW
1100101
HIGH
FLOAT
HIGH
1100111
HIGH
FLOAT
FLOAT
1100110
FLOAT
LOW
LOW
0110101
FLOAT
LOW
HIGH
0110111
FLOAT
LOW
FLOAT
0110110
FLOAT
HIGH
LOW
1000111
FLOAT
HIGH
HIGH
1010101
FLOAT
HIGH
FLOAT
1010100
FLOAT
FLOAT
LOW
1000100
FLOAT
FLOAT
HIGH
1000110
FLOAT
FLOAT
FLOAT
1000101
may be read using the method described above. If the
conversion cycle is not concluded and a valid address
selects the device, the LTC2499 generates a NAK signal
indicating the conversion cycle is in progress.
Continuous Read/Write
Once the conversion cycle is concluded, the LTC2499 can
be written to and then read from using the Repeated Start
(Sr) command.
Figure 8 shows a cycle which begins with a data Write, a
repeated Start, followed by a Read and concluded with a
Stop command. The following conversion begins after all
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com