Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT2940CDDPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LT2940CDDPBF
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CDDPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LT2940CDDPBF Datasheet HTML 12Page - Linear Technology LT2940CDDPBF Datasheet HTML 13Page - Linear Technology LT2940CDDPBF Datasheet HTML 14Page - Linear Technology LT2940CDDPBF Datasheet HTML 15Page - Linear Technology LT2940CDDPBF Datasheet HTML 16Page - Linear Technology LT2940CDDPBF Datasheet HTML 17Page - Linear Technology LT2940CDDPBF Datasheet HTML 18Page - Linear Technology LT2940CDDPBF Datasheet HTML 19Page - Linear Technology LT2940CDDPBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT2940
16
2940f
TYPICAL APPLICATIONS
120W Supply Monitor Includes ICC of LT2940
CMP+
PMON
IMON
CMPOUT
CMPOUT
LATCH
V–
V+
I–
I+
2940 TA02
VCC
R2
140k
LOAD
R1
10.0k
5mA
MAX
0A TO 4A
VPMON
R4
13.7k
R3
6.19k
OVP
SUPPLY
30V TO 80V
100V (MAX)
OVERPOWER (OVP) GOES HIGH
WHEN SUPPLY POWER > 120W
RS
LT2940
GND
R12
3.9k
1/8W
50mΩ
1W
VLOGIC
R14
3.9k
SCALE = 30
120W FULL-SCALE
W
V
kV =
kI = 50mΩ
1
15
12.5W PWM Heat Source
CMP+
IMON
PMON
CMPOUT
CMPOUT
LATCH
V–
V+
I–
I+
VCC
2940 TA03
R2
102k
R1
25.5k
Q1
FDS3672
INPUT
9.5V TO 14.5V
RS
LT2940
GND
200mΩ
3
R4
15.0k
C4
4.7μF
* SEVEN 50Ω, 5W RESISTORS IN PARALLEL.
MULTIPLE UNITS FACILITATE SPREADING HEAT.
C1
100μF
25V
kV =
kI =
tOFF 1.7ms
200mΩ
3
1
5
HEATSINK
Q = 12.5W
R6
10k
R5
10k
Q3
2N3906
Q2
TP0610
R7*
7Ω
D1
1N5819
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com