Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXZR16N60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXZR16N60
Description  Z-MOS RF Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZR16N60 Datasheet(HTML) 2 Page - IXYS Corporation

  IXZR16N60 Datasheet HTML 1Page - IXYS Corporation IXZR16N60 Datasheet HTML 2Page - IXYS Corporation IXZR16N60 Datasheet HTML 3Page - IXYS Corporation IXZR16N60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXZR16N60 & IXZR16N60A/B
Z-MOS RF Power MOSFET
Characteristic Values
(TJ = 25°C unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
IS
VGS = 0 V
18
Α
ISM
Repetitive; pulse width limited by TJM
108
A
VSD
IF = Is, VGS=0 V, Pulse test, t ≤ 300 s, duty cycle
≤2%
1.5
V
Trr
200
ns
Source-Drain Diode
IXYS RF reserves the right to change limits, test conditions and dimensions.
IXYS RF MOSFETS are covered by one or more of the following U.S. patents:
4,835,592
4,860,072
4,881,106
4,891,686
4,931,844
5,017,508
5,034,796
5,049,961
5,063,307
5,187,117
5,237,481
5,486,715
5,381,025
5,640,045
6,404,065
6,583,505
6,710,463
6,727,585
6,731,002
CAUTION: Operation at or above the Maximum Ratings values may impact device reliability or cause permanent damage to the device.
Information in this document is believed to be accurate and reliable. IXYSRF reserves the right to make changes to information pub-
lished in this document at any time and without notice.
Symbol
Test Conditions
Characteristic Values
(TJ = 25°C unless otherwise specified)
min.
typ.
max.
RG
1
Ω
Ciss
2040
pF
Coss
VGS = 0 V, VDS = 0.8 VDSS(max),
f = 1 MHz
160
pF
Crss
20
pF
Td(on)
4
ns
Ton
VGS = 15 V, VDS = 0.8 VDSS
ID = 0.5 IDM
RG = 1 Ω (External)
4
ns
Td(off)
4
ns
Toff
6
ns
Qg(on)
42
nC
Qgs
VGS = 10 V, VDS = 0.5 VDSS
ID = 0.5 ID25 IG = 3mA
13
nC
Qgd
18
nC
Cstray
Back Metal to any Pin
33
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com