Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73054 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 73054
Description  TNC Right-Angle Plug, 50 Ohm, Crimp Type, RG55, 142, 223, 400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73054 Datasheet(HTML) 1 Page - Pomona Electronics

  73054 Datasheet HTML 1Page - Pomona Electronics 73054 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150 International: 425-446-5500
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D2018800 Rev. 001
Page 1 of 2
Model 73054
TNC Right-Angle Plug, 50 Ohm, Crimp Type, RG55, 142, 223, 400
Model 73054
TNC Right-Angle Plug, 50 Ohm, Crimp Type,
RG55, 142, 223, 400
Features
•
DC – 6GHz bandwidth.
•
Connectors are precision machined.
•
Meets interface requirements MIL-C-39012.
•
Connector accepts cable types RG/U: 55, 142, 223,
400
Materials
Center Conductor, Male: Brass, Gold Plated
Connector Body: Brass, Nickel Plated
Crimp Ferrule: Copper, Nickel Plated
Insulators: PTFE
Gasket: Silicone Rubber
Specifications
Impedance:
50Ω
Frequency Range:
DC – 6GHz
Contact Resistance:
Center Conductor:
≤1.5 mΩ
Outer Conductor:
≤0.2 mΩ
Insulation Reistance:
≥ 5000 MΩ
Dielectric Withstand Voltage:
1500V
For CE compliance
, do not hold in hand when
voltages exceed 33 Vrms / 70 Vdc.
VSWR:
≤1.5
Number of Insertions:
500 cycles minimum
Ordering Information
Model: 73054


Similar Part No. - 73054

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7305 GILWAY-7305 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
7305 HEYCO-7305 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7305 MITUTOYO-7305 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7305 V-COIL-7305 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
More results

Similar Description - 73054

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73042 POMONA-73042 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG174, 188, 316
73049 POMONA-73049 Datasheet
142Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Crimp Type , RG55, 142, 223
73056 POMONA-73056 Datasheet
134Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
73057 POMONA-73057 Datasheet
142Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG59, 62
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
Amphenol Corporation
031-2367-RFX AMPHENOL-031-2367-RFX Datasheet
79Kb / 1P
TNC CRIMP PLUG FOR RG-55/U, 142A/U, 400/U, 223/U
logo
Molex Electronics Ltd.
0732510670 MOLEX11-0732510670 Datasheet
69Kb / 1P
50 Ohms, SMA Right-Angle Plug, RG-142, RG-223, and RG-55 Cable
0732540340 MOLEX11-0732540340 Datasheet
54Kb / 1P
50 Ohms, QMA Right-Angle Plug for RG-142, RG-223, RG-400 and RG-55 Cable
0732510670 MOLEX-0732510670_V01 Datasheet
60Kb / 1P
50 Ohms, SMA Right-Angle Plug, RG-142, RG-223, and RG-55 Cable, Crimp, Brass Body, Gold Plated
logo
Amphenol RF.
172132-BC RF-172132-BC Datasheet
150Kb / 1P
TYPE N BULKHEAD CRIMP JACK RG-55/U, 142/U, 223/U, 400/U BLACK PLATED
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com