Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F8721 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F8721
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F8721 Datasheet(HTML) 1 Page - Integrated Technology Future

  F8721 Datasheet HTML 1Page - Integrated Technology Future F8721 Datasheet HTML 2Page - Integrated Technology Future F8721 Datasheet HTML 3Page - Integrated Technology Future F8721 Datasheet HTML 4Page - Integrated Technology Future F8721 Datasheet HTML 5Page - Integrated Technology Future F8721 Datasheet HTML 6Page - Integrated Technology Future F8721 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW Bandpass Filter F8721
Part No.
F8721
Rev. Date
2009-08-17
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NC9012-AS01
1/7
4
5
6
1
2
3
1
2
3
6
5
4
Features
RF bandpass filter for 2G Repeater
Usable Bandwidth 15MHz
No matching single-ended operation
Ceramic Surface Mounted Device Package ( 3.0 mm × 3.0 mm )
RoHS Compliant
Package Dimension
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameters
Unit
Minimum
Typical
Maximum
Operating Temperature Range
℃
-30
25
85
Storage Temperature Range
℃
-40
-
85
Power Handling Capability
dBm
-
-
10
Electrostatics Sensitive Device (ESD)
Pin Configurations
2
Input
5
Output
1, 3, 4, 6
Case ground
I
8721


Similar Part No. - F8721

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F87-18-C PANDUIT-F87-18-C Datasheet
84Kb / 2P
Ferrules, Non-Insulated
F87-18-C PANDUIT-F87-18-C Datasheet
616Kb / 2P
Large Ferrule Crimping Dies
5/2014
F87-22-C PANDUIT-F87-22-C Datasheet
84Kb / 2P
Ferrules, Non-Insulated
F87-22-C PANDUIT-F87-22-C Datasheet
616Kb / 2P
Large Ferrule Crimping Dies
5/2014
F87-25-C PANDUIT-F87-25-C Datasheet
84Kb / 2P
Ferrules, Non-Insulated
More results

Similar Description - F8721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF9210 ACT-ACTF9210 Datasheet
494Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com