Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9972BCCS Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX9972BCCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972BCCS Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX9972BCCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 15Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 16Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 17Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 18Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 19Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 20Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 21Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Heat Removal
With adequate airflow, no external heat sinking is need-
ed under most operating conditions. If excess heat
must be dissipated through the exposed pad, solder it
to circuit board copper. The exposed pad must be
either left unconnected, isolated, or connected to VSS.
Power Minimization
To minimize power consumption, activate only the
needed channels. Each channel placed in low-leakage
mode saves approximately 240mW.
Chip Information
PROCESS: BiCMOS
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
20
______________________________________________________________________________________
SCLK
tCH
tCSSO
tCL
tDH
tCSS1
tCSH1
tDS
tCSHO
CS
DIN
D11
D10
D9
D4
D3
D1
D0
D2
MAX9972
tLDW
tCLL
LD
*FIRST BIT SHIFTED IN DURING WORD WRITE.
Figure 5. Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com