Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1200 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DS1200
Description  1200 Watts Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS1200 Datasheet(HTML) 2 Page - Emerson Network Power

  DS1200 Datasheet HTML 1Page - Emerson Network Power DS1200 Datasheet HTML 2Page - Emerson Network Power DS1200 Datasheet HTML 3Page - Emerson Network Power DS1200 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 9.10.09_22
DS1200
2 of 4
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model Number
Nominal Output
Voltage Set Point
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
Output Ripple
P/P
Over Current
Stand-by
Air Flow
DS1200-3
12.0Vdc
±0.2%
±5%
0A
100A
120mV
118A-147.6A*
3.3V@6A
STD
DS1200-3-002
12.0Vdc
±0.2%
±5%
0A
100A
120mV
118A-147.6A*
5.0V@4A
STD
DS1200-3-003
12.0Vdc
±0.2%
±5%
0A
85A
120mV
118A-147.6A*
3.3V@6A
REV
DS1200-3-004
12.0Vdc
±0.2%
±5%
0A
85A
120mV
118A-147.6A*
5.0V@4A
REV
*Overcurrentlatchesoffifovercurrentlastsover1seconds,otherwiseitisautorecovery.
LogicControl
PS_SEATED(A4):
TTLlogicLOWifpowersupplyisseatedintosystemconnector.Thisisashortpin.AlogicHIGHif
thePSUisremoved
PWRGOOD(C3):
ActiveTTLhighwhenoutputiswithinregulationlimits.
ACOK(B1):
Alowlogicleveliftheinputvoltageiswithinallowablelimits.ATTLlogicHIGHlevel,anda5mS
earlywarningsignalbefore12.0VDCoutputlossofregulation.
PS_INHIBIT/PS_KILL(B4):
ThissignalisconnectedtoashortpinonthePSU
Whenleftopenpowersupplyoperationwillbeinhibited.Whenthepowersupplyis
insertedintothesystem,thispinwillbepulllowbythesystemandturnthepowersupplyononly
afterallotherpowersupplypinshaveseated.
PSON(A1):
Theoutputwillbeenabledwhenthissignalispulledlow,below0.8Voutputsdisabledwhenpin
isdrivenhighorleftopen.
Operatingtemperature:
-10°to50°C;50%powerderatingat70°C
Storagetemperature:
-40°Cto+85°C
Altitude,operating:
10,000ft
Electromagneticsusceptibility/Inputtransients:
-EN61000-3-2,-3-3
-EN61000-4-2,4.3,4-4,-4-5,4-11Level
-EN55024:1998
RoHS&lead-freecompliant:
Notantalumcaps.
Humidity:
20to90%RH,non-condensing
Shockandvibrationspecificatons:
ComplieswithAstecStd.Specifications,Q3205
MTBF(Demonstrated):
500KHrsatfullload,40°C
EnvironmentalSpecifications
Output Power (W)
0
200
400
600
800
1000
1200
1400
0
20
25
50
70
Ambient Temperature (°C)
Output Power
1140W @ 25 °C
1025W @ 50 °C
760W @ 70 °C
Reverse Air Derating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com