Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDBB560-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBB560-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB560-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBB560-G Datasheet HTML 1Page - Comchip Technology CDBB560-G Datasheet HTML 2Page - Comchip Technology CDBB560-G Datasheet HTML 3Page - Comchip Technology CDBB560-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 40,60,100 Volts
Forward Current: 5.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
CDBB540-G Thru. CDBB5100-G
Page 1
QW-BB028
SMD Schottky Barrier Rectifiers
REV:A
Comchip Technology CO., LTD.
SMB-1
SMD Diodes Specialist
0.213(5.4)
0.197(5.0)
0.016(0.4) Typ.
0.142(3.6)
0.126(3.2)
0.168(4.2)
0.150(3.8)
0.075(1.9)
0.067(1.7)
0.040(1.0) Typ.
0.040(1.0) Typ.
Unit
CDBB560-G
60
42
60
150
0.5
50
12
380
Parameter
Symbol
CDBB540-G
CDBB5100-G
100
70
100
28
40
40
Repetitive peak reverse voltage
Maximum RMS voltage
Continuous reverse voltage
Maximum forward voltage @IF=1.0A
Forward rectified current
VRRM
VRMS
VR
VF
IO
0.75
0.55
0.85
5.0
Forward surge current, 8.3ms half sine wave
superimposed on rated load (JEDEC method)
Typ. thermal resistance, junction to ambient air
Typ. diode junction capacitance (Note 1)
Operating junction temperature
Storage temperature
IFSM
IR
RθJA
CJ
TJ
TSTG
Reverse current on VR=VRRM
@TA=25°C
@TA=125°C
Note 1: f=1MHz and applied 4V DC reverse voltage.
-55 to +125
-55 to +150
-65 to +175
V
V
V
V
A
A
mA
pF
°C
°C
°C/W
Maximum Ratings(at TA=25°C unless otherwise noted)
Features
Mechanical data
Molded plastic, JEDEC SMB.
-Weight:0.09 gram(approx.).
-Batch process design, excellent powe
dissipation offers better reverse leakage
current and thermal resistance.
-Low profile surface mounted application
in order to optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage dorp.
-High surge capability.
-Guardring for overvoltage protection.
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free parts meet environmental
standards of MIL-STD-19500 /228
-Case:
-Terminals: Solde plated, solderable per
MIL-STD-750, method 2026.
-Polarity: Indicated by cathode band.
-Mounting position: Any


Similar Part No. - CDBB560-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBB560-G COMCHIP-CDBB560-G Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBB560-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com