| Electronic Components Datasheet Search |
|
CZRT5225B-G Datasheet(PDF) 1 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CZRT5225B-G Datasheet(HTML) 1 Page - Comchip Technology |
|
1 / 5 page ![]() SMD Zener Diode Voltage: 2.4 to 39 Volts Power: 350 mWatts RoHS Device Page 1 REV:C Features Planar die construction 350mW power dissipation on FR-4 PCB Ideally suited for automated assembly process General purpose, medium current Mechanical data Case: SOT-23, Molded plastic Terminals: Solderable per MIL-STD- 202G,method 208 Polarity: See diagram below Mounting position: Any Marking: see table on page2 CZRT5221B-GThru CZRT5267B-G Parameter Symbol Value Unit Electrical Characteristics (TA=25°C, unless otherwise specified) 0.9 V VF Forward voltage drop at IF=10mA Power dissipation (Notes A),TA = 25°C 350 PD mW QW-BZ013 Single 357 oC/W RθJA Thermal resistance, junction to ambient air (Notes A) Operating junction and storage temperature range -65 to +150 TJ OC Notes: A. Valid provided that device terminals are kept at ambient temperature. B. Tested with pulses, Tp≤1.0mS. SMD Diodes Specialist COMCHIP Comchip Technology CO., LTD. Dimensions in inches and (millimeter) SOT-23 3 1 2 0.119(3.00) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.071(1.80) 0.041(1.05) 0.035(0.90) 0.020(0.50) 0.012(0.30) 0.006(0.15) 0.002(0.05) 0.100(2.55) 0.089(2.25) 0.004(0.10) max 0.008(0.20) min Weight: 0.0078 gram(approx.). |
Similar Part No. - CZRT5225B-G |
|
Similar Description - CZRT5225B-G |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |