Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRL5232B-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRL5232B-G
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL5232B-G Datasheet(HTML) 2 Page - Comchip Technology

  CZRL5232B-G Datasheet HTML 1Page - Comchip Technology CZRL5232B-G Datasheet HTML 2Page - Comchip Technology CZRL5232B-G Datasheet HTML 3Page - Comchip Technology CZRL5232B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC (CZRL5225-G Thru. CZRL5267-G)
Max VF=1.25V at IF=200mA, At TA=25°C unless otherwise specified.
Page 2
QW-BZ010
Surface Mount Zener Diodes
at IZT
ZZT(ohm)
at IZK=0.25mA
ZZK(ohm)
IR
(uA)
VR
(V)
CZRL5225B-G
3
20
29
1600
-0.075
50
1
152
CZRL5226B-G
3.3
20
28
1600
-0.07
25
1
138
CZRL5227B-G
3.6
20
24
1700
-0.065
15
1
126
CZRL5228B-G
3.9
20
23
1900
-0.06
10
1
115
CZRL5229B-G
4.3
20
22
2000
-0.055
5
1
106
CZRL5230B-G
4.7
20
19
1900
±0.030
5
2
97
CZRL5231B-G
5.1
20
17
1600
±0.030
5
2
89
CZRL5232B-G
5.6
20
11
1600
0.038
5
3
81
CZRL5233B-G
6
20
7
1600
0.038
5
3.5
76
CZRL5234B-G
6.2
20
7
1000
0.045
5
4
73
CZRL5235B-G
6.8
20
5
750
0.05
3
5
67
CZRL5236B-G
7.5
20
6
500
0.058
3
6
61
CZRL5237B-G
8.2
20
8
500
0.062
3
6.5
55
CZRL5238B-G
8.7
20
8
600
0.065
3
6.5
52
CZRL5239B-G
9.1
20
10
600
0.068
3
7
50
CZRL5240B-G
10
20
17
600
0.075
3
8
45
CZRL5241B-G
11
20
22
600
0.076
2
8.4
41
CZRL5242B-G
12
20
30
600
0.077
1
9.1
38
CZRL5243B-G
13
9.5
13
600
0.079
0.5
9.9
35
CZRL5244B-G
14
9
15
600
0.082
0.1
10
32
CZRL5245B-G
15
8.5
16
600
0.082
0.1
11
30
CZRL5246B-G
16
7.8
17
600
0.083
0.1
12
28
CZRL5247B-G
17
7.4
19
600
0.084
0.1
13
27
CZRL5248B-G
18
7
21
600
0.085
0.1
14
25
CZRL5249B-G
19
6.6
23
600
0.086
0.1
14
24
CZRL5250B-G
20
6.2
25
600
0.086
0.1
15
23
CZRL5251B-G
22
5.6
29
600
0.087
0.1
17
21
CZRL5252B-G
24
5.2
33
600
0.087
0.1
18
19.1
CZRL5253B-G
25
5
35
600
0.089
0.1
19
18.2
CZRL5254B-G
27
4.6
41
600
0.09
0.1
21
16.8
CZRL5255B-G
28
4.5
44
600
0.091
0.1
21
16.2
CZRL5256B-G
30
4.2
49
600
0.091
0.1
23
15.1
CZRL5257B-G
33
3.8
58
700
0.092
0.1
25
13.8
CZRL5258B-G
36
3.4
70
700
0.093
0.1
27
12.6
CZRL5259B-G
39
3.2
80
800
0.094
0.1
30
11.6
CZRL5260B-G
43
3
93
900
0.095
0.1
33
10.6
CZRL5261B-G
47
2.7
105
1000
0.095
0.1
36
9.7
CZRL5262B-G
51
2.5
125
1100
0.096
0.1
39
8.9
CZRL5263B-G
56
2.2
150
1300
0.096
0.1
43
--
CZRL5264B-G
60
2.1
170
1400
0.097
0.1
46
--
CZRL5265B-G
62
2
185
1400
0.097
0.1
47
--
CZRL5266B-G
68
1.8
230
1600
0.097
0.1
52
--
CZRL5267B-G
75
1.7
270
1700
0.098
0.1
56
--
Maximum
Regulator
Current
IZM (mA)
(Note 2.)
Typical
Temperature
Coefficient
VZ (%/°C)
Maximum Zener
Impedance
(Note 2)
Max
reverse
Leakage
Current
Type NO.
Nominal Zener
Voltage at IZT
VZ(V)
(Note 3)
Test
Current
IZT (mA)
Notes:
(1) The Zener impedance is derived from the 1KHZ AC volt age which results when an AC current having an RMS value equal to 10% of the Zener current (IZTor IZK)
is superim posed on IZT or IZK. Zener impedance is m easured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
(2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature.
(3) Tested under thermal equilibrium and DC test conditions.
SMD Diodes Specialist
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com