Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3039 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3039
Description  BOOST CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3039 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3039_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
BOOST CONTROLLER
AP3039
Data Sheet
13
BCD Semiconductor Manufacturing Limited
Dec. 2009 Rev. 1. 4
Application Information
Operation
AP3039 is a boost DC-DC controller with adjustable
operation frequency. Current mode control scheme
provides excellent line and load regulation. Operation
can be best understood by referring to Figure 3.
At the start of each oscillator cycle, the SR latch is set
and external power switch Q1 (see Figure 20) turns on
and the switch current will increase linearly. The
voltage on external sense resistor RCS (see Figure 20),
connected from CS pin to GND, is proportional to the
switch current. This voltage is added to a stabilizing
ramp and the result is fed into the non-inversion input
of the PWM comparator. When this non-inversion
input voltage exceeds inversion input voltage of PWM
comparator which is the output voltage of the error
amplifier EA, the SR latch is reset and the external
power switch turns off. The voltage level at inversion
input of PWM comparator sets the peak current level to
keep the output voltage in regulation. This voltage
level is the amplified signal of the voltage difference
between feedback voltage and reference voltage of
0.5V. So, a constant output current can be provided by
this operation mode.
Input Under-Voltage Detector
AP3039 contains an Under Voltage Lock Out (UVLO)
circuit. Two resistors R1 and R2 are connected from
UVLO pin to ground and VIN pin respectively (see
Figure 20). The resistor divider must be designed such
that the voltage on the UVLO pin is higher than 1.25V
when VIN is in the desired operating range. If the
voltage on the pin is below under voltage threshold, all
functions of AP3039 are disabled, but the system will
remain in a low power standby state. UVLO hysteresis
is accomplished through an internal 22
µA current
source which switched on or off 22
µA current into the
impedance of the set-point divider. When the UVLO
threshold is exceeded, the current source is activated to
instantly raise the voltage on the UVLO pin. When the
UVLO pin voltage falls below the threshold the current
source is turned off, causing the voltage on the UVLO
pin to fall. The formula for UVLO can be expresses as
blow:
For Input Threshold Voltage
VIN_THRESHOLD=1.25V*(R1+R2)/R2
For Input Hysteresis Voltage
VIN-HYSTERESIS=22µA*R1
Over Voltage Protection
AP3039 has an over voltage protection (OVP) circuit.
The OV Pin is connected to the center tap of R3 and R4
resistor voltage-divider from the high voltage output to
GND (see Figure 20). When the loop is open or the
output voltage becomes excessive in any case, result
the voltage on OV pin exceeds 1.25V, all functions of
AP3039 will be disabled, and the output voltage will
fall. OVP hysteresis is accomplished with an internal
22
µA current source and the operation mode is the
same as UVLO. The formula for OVP can be expresses
as blow:
For OVP Voltage
VOVP=1.25V*(R3+R4)/R4
For OVP Hysteresis Voltage
VOVP-HYSTERESIS=22µA*R3
Frequency Selection
An external resistor RT, connected from RT pin to
GND, is used to set the operating frequency (see Figure
20). Operation frequency range is from 200kHz to
1MHz (see Table 1). High frequency operation
optimizes the regulator for the smallest component
size, while low frequency operation can reduce the
switch losses.
Table 1. Frequency Selection
Resistance of RT (kΩ)
Operating Frequency
(kHz)
390
200
147
400
95
600
68
800
51
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com