Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3603IMSEPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3603IMSEPBF
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3603IMSEPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3603IMSEPBF Datasheet HTML 9Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 10Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 11Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 12Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 13Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 14Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 15Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 16Page - Linear Technology LTC3603IMSEPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3603
13
3603fa
APPLICATIONS INFORMATION
and the BOOST pin rises to PVIN + INTVCC, thereby keep-
ing the MOSFET fully enhanced. For most applications, a
0.22μF ceramic capacitor is appropriate for CBST. Schottky
diode DBST should have a reverse breakdown voltage that
is greater than PVIN(MAX).
When the LTC3603 detects a fault condition (either
undervoltage lockout or overtemperature), the TRACK/SS
pin is quickly pulled to ground and the internal soft-start
timer is also reset. This ensures an orderly restart when
using an external soft-start capacitor.
To implement tracking, a resistor divider is placed between
an external supply (VX) and the TRACK/SS pin as shown
in Figure 5a. This technique can be used to cause VOUT to
ratiometrically track the VX supply (Figure 5b), according
to the following:
V
V
R
R
RR
RR
OUT
X
TA
A
AB
TA
TB
=
+
+
•
For coincident tracking, as shown in Figure 5c, (VOUT =
VX during start-up),
RTA = RA, RTB = RB
Note that the 1.2μA current that is sourced from the
TRACK/SS pin will cause a slight offset in the voltage seen
on the TRACK/SS pin and consequently on the VOUT volt-
age during tracking. This VOUT offset due to the TRACK/SS
current is given by:
VµA
RR
RR
RR
R
OS TRK
TA TA
TA
TB
AB
A
,
() •
•
=
+
+
1
For most applications, this offset is small and has minimal
effect on tracking performance. For improved tracking ac-
curacy, reduce the parallel impedance of RTA and RTB.
4.7MΩ
LTC3603
3603 F04
PVIN
RUN
LTC3603
3.3V OR 5V
RUN
RB
LTC3603
RA
3603 F05a
TRACK/SS
VFB
VOUT
RTB
RTA
VX
Figure 4. RUN Pin Interfacing
Figure 5a. Using the TRACK/SS Pin to Track VX
DBST
LTC3603
CBST
3603 F03
BOOST
SW
INTVCC
CINTVCC
Figure 3. Topside MOSFET Supply
Run and Soft-Start/Tracking Functions
The LTC3603 has a low power shutdown mode which is
controlled by the RUN pin. Pulling the RUN pin below 0.7V
puts the LTC3603 into a low quiescent current shutdown
mode (IQ < 1μA). When the RUN pin is greater than 0.7V,
the controller is enabled. The RUN pin can be driven directly
from logic as shown in Figure 4.
Soft-start and tracking are implemented by limiting the
effective reference voltage as seen by the error amplifier.
Ramping up the effective reference into the error amp in
turn causes a smooth and controlled ramp on the output
voltage of the converter. To use the default, internal 1ms
soft-start ramp, leave the TRACK/SS pin floating. Do not
tie the TRACK/SS pin to INTVCC or to PVIN. To increase the
soft-start time above 1ms, place a cap on the TRACK/SS pin.
A 1.2μA internal pull-up current will charge this capacitor,
resulting in a soft-start ramp time given by:
tC
V
µA
SS
SS
=
•
.
.
06
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com