Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3873ESX-3.3 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3873ESX-3.3
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3873ESX-3.3 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3873ESX-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3873ESX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Typical Application Circuits (Continued)
20060545
*SD pins must be pulled high through a 10k
Ω pull-up resistor. See application hints for more information.
Connection Diagrams
20060505
Top View
TO220-5 Package
Bent, Staggered Leads
20060506
Top View
TO263-5 Package
Pin Descriptions for TO220-5 and TO263-5 Packages
Pin #
LP3873
LP3876
Name
Function
Name
Function
1SD
Shutdown
SD
Shutdown
2V
IN
Input Supply
V
IN
Input Supply
3
GND
Ground
GND
Ground
4V
OUT
Output Voltage
V
OUT
Output Voltage
5
ERROR
ERROR Flag
SENSE
Remote Sense Pin
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com