Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3873ESX-2.5 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3873ESX-2.5
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3873ESX-2.5 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3873ESX-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3873ESX-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ordering Information
20060531
Package Type Designator is "T" for TO220 package, and "S" for TO263 package.
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Description
(Current, Option)
Package
Type
Package Marking
Supplied As:
5.0
LP3873ES-5.0
3A, Error Flag
TO263-5
LP3873ES-5.0
Rail
5.0
LP3873ESX-5.0
3A, Error Flag
TO263-5
LP3873ES-5.0
Tape and Reel
3.3
LP3873ES-3.3
3A, Error Flag
TO263-5
LP3873ES-3.3
Rail
3.3
LP3873ESX-3.3
3A, Error Flag
TO263-5
LP3873ES-3.3
Tape and Reel
2.5
LP3873ES-2.5
3A, Error Flag
TO263-5
LP3873ES-2.5
Rail
2.5
LP3873ESX-2.5
3A, Error Flag
TO263-5
LP3873ES-2.5
Tape and Reel
1.8
LP3873ES-1.8
3A, Error Flag
TO263-5
LP3873ES-1.8
Rail
1.8
LP3873ESX-1.8
3A, Error Flag
TO263-5
LP3873ES-1.8
Tape and Reel
5.0
LP3876ES-5.0
3A, SENSE
TO263-5
LP3876ES-5.0
Rail
5.0
LP3876ESX-5.0
3A, SENSE
TO263-5
LP3876ES-5.0
Tape and Reel
3.3
LP3876ES-3.3
3A, SENSE
TO263-5
LP3876ES-3.3
Rail
3.3
LP3876ESX-3.3
3A, SENSE
TO263-5
LP3876ES-3.3
Tape and Reel
2.5
LP3876ES-2.5
3A, SENSE
TO263-5
LP3876ES-2.5
Rail
2.5
LP3876ESX-2.5
3A, SENSE
TO263-5
LP3876ES-2.5
Tape and Reel
1.8
LP3876ES-1.8
3A, SENSE
TO263-5
LP3876ES-1.8
Rail
1.8
LP3876ESX-1.8
3A, SENSE
TO263-5
LP3876ES-1.8
Tape and Reel
5.0
LP3873ET-5.0
3A, Error Flag
TO220-5
LP3873ET-5.0
Rail
3.3
LP3873ET-3.3
3A, Error Flag
TO220-5
LP3873ET-3.3
Rail
2.5
LP3873ET-2.5
3A, Error Flag
TO220-5
LP3873ET-2.5
Rail
1.8
LP3873ET-1.8
3A, Error Flag
TO220-5
LP3873ET-1.8
Rail
5.0
LP3876ET-5.0
3A, SENSE
TO220-5
LP3876ET-5.0
Rail
3.3
LP3876ET-3.3
3A, SENSE
TO220-5
LP3876ET-3.3
Rail
2.5
LP3876ET-2.5
3A, SENSE
TO220-5
LP3876ET-2.5
Rail
1.8
LP3876ET-1.8
3A, SENSE
TO220-5
LP3876ET-1.8
Rail
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com