Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTPT66-103K Datasheet(PDF) 1 Page - API Delevan

Part # HTPT66-103K
Description  High Temperature Power Toroids
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

HTPT66-103K Datasheet(HTML) 1 Page - API Delevan

  HTPT66-103K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HighTemperature PowerToroids
Series HTPT66R
HTPT66
-391K
-122K
-152K
-472K
-103K
-153K
-223K
-393K
-683K
-104K
0.390
1.20
1.50
4.70
10.0
15.0
22.0
39.0
68.0
100
0.0020
0.0029
0.0036
0.0086
0.019
0.030
0.036
0.073
0.122
0.145
18.3
15.3
13.7
8.8
5.9
4.6
4.0
2.8
2.1
1.9
26.6
14.8
13.3
7.4
5.1
4.3
4.0
3.0
2.3
1.8
0.053
0.053
0.053
0.042
0.034
0.031
0.031
0.025
0.022
0.022
3/19/2009
Physical Parameters
Inches
Millimeters
A
0.660 Max.
16.76 Max.
B
0.360 Max.
9.14 Max.
C
0.280 (Ref. only)
7.11 (Ref. only)
D
1.00 Min.
25.4 Min.
E
See Characteristics Table
Operating Temperature
-55°C to +200°C;
-55°C to +160°C @ full rated current
All materials are rated to +200°C
Current Rating at 160°C Ambient 40°C Rise
Inductance Measured @ 1 V, 100mA AC with no
DC Current. Inductance at +200°C is typically
5.5% lower than inductance measured at +25°C.
Incremental Current The current at which the
inductance will be decreased by a maximum of
10% from its initial 0 DC value. At elevated
temperatures incremental current is unaffected.
Packaging Bulk only
Contact the Factory for additional sizes, mounting,
and electrical configurations.
SERIES HTPT66 IRON CORE
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
API Delevan www.delevan.com email:apisales@delevan.com
270 Quaker Road, East Aurora NY 14052 • Phone: 716-652-3600 • Fax: 716-652-4814
®
Charts are for reference only. Operation should be verified under actual
operating conditions to avoid component operation above +200°C
A
A
E
D
B
C
CALCULATED MAXIMUM CURRENT AT TEMPERATURES ABOVE +160°C
160
170
180
190
200
INDUCTANCE (_H)
-391K
-103K
-104K
-472K
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0.0
OPERATING TEMPERATURE (°C)
20.0
TYPICAL INDUCTANCE CHANGE vs. OPERATING TEMPERATURE
0.1
1.0
10.0
100.0
1000.0
-55
-30
-5
20
45
70
95
120
145
170
195
TEMPERATURE (°C)
INDUCTANCE (_H)
-391K
-103K
-104K


Similar Part No. - HTPT66-103K

ManufacturerPart #DatasheetDescription
logo
API Delevan
HTPT66-103K API-HTPT66-103K Datasheet
100Kb / 1P
High Temperature Power Toroids
More results

Similar Description - HTPT66-103K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT30F-100K-K CT-CT30F-100K-K Datasheet
195Kb / 2P
High Current Power Toroids
logo
API Delevan
4448R API-4448R Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
HTPT66R API-HTPT66R_10 Datasheet
100Kb / 1P
High Temperature Power Toroids
logo
Fair-Rite Products Corp...
5967001901 FAIR-RITE-5967001901 Datasheet
1Mb / 2P
Toroids
5968001101 FAIR-RITE-5968001101 Datasheet
1Mb / 2P
Toroids
5968001801 FAIR-RITE-5968001801 Datasheet
1Mb / 2P
Toroids
5968003801 FAIR-RITE-5968003801 Datasheet
1Mb / 2P
Toroids
5943000501 FAIR-RITE-5943000501 Datasheet
1Mb / 2P
Toroids
5943001001 FAIR-RITE-5943001001 Datasheet
1Mb / 2P
Toroids
5943001101 FAIR-RITE-5943001101 Datasheet
1Mb / 2P
Toroids
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com