Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M0820-60K Datasheet(PDF) 1 Page - API Delevan

Part # M0820-60K
Description  Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

M0820-60K Datasheet(HTML) 1 Page - API Delevan

  M0820-60K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7/2004
PAGE
25
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
865
785
725
690
635
510
455
415
405
500
475
444
418
385
300
283
250
229
187
167
143
123
114
99
91
120
110
106
100
91
87
76
69
62
58
50
47
52
49
46
38
35
31
30
28
25
23
22
20
0.14
0.17
0.20
0.22
0.26
0.40
0.50
0.60
0.63
0.19
0.21
0.24
0.27
0.32
0.53
0.59
0.76
0.90
1.35
1.70
2.30
3.10
3.60
4.8
5.7
3.3
3.8
4.2
4.7
5.7
6.2
8.1
9.8
12.0
13.8
19.0
21.0
17.0
19.0
21.5
32.0
37.0
47.0
53.0
60.0
71.0
83.0
95.0
108.0
640.0
610.0
530.0
510.0
480.0
440.0
410.0
380.0
340.0
240.0
210.0
200.0
180.0
160.0
140.0
125.0
120.0
100.0
90.0
85.0
80.0
75.0
64.0
50.0
45.0
29.0
24.0
21.0
18.0
17.0
15.0
13.0
12.0
11.0
10.0
9.0
8.9
8.5
7.6
7.2
6.8
6.2
5.3
5.0
4.6
4.3
3.8
3.2
2.4
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
25
25
25
25
25
25
25
25
25
35
35
35
35
25
30
30
30
30
35
35
35
35
35
35
35
25
25
25
25
25
25
25
25
25
25
25
25
15
15
15
15
15
15
15
15
15
15
15
15
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
01F
02F
03F
04F
05F
06F
07F
08F
09F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
18F
19F
20F
21F
22F
23F
24F
25F
26F
27F
28F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
Not recommended for new designs See
Series 2510 (page 30) for replacement.
Military QPL Approval
M83446/20 Phenolic Core
M83446/21 Iron Core
M83446/22 Ferrite Core
Physical Parameters
Inches
Millimeters
A
0.230 to 0.255
5.84 to 6.48
B
0.075 to 0.095
1.91 to 2.41
C
0.095 to 0.115
2.41 to 2.92
D
0.040 to 0.060
1.02 to 1.52
E
0.075 to 0.081
1.91 to 2.06
F
0.130 to 0.160
3.30 to 4.06
Dimensions “A” and “C” are over terminals.
Weight Max. (Grams)
Phenolic: 0.19
Iron & Ferrite: 0.22
Operating Temperature Range
Phenolic: –55°C to +125°C
Iron & Ferrite: –55°C to +105°C
Current Rating at 90°C Ambient
Phenolic: 35°C Rise
Iron & Ferrite: 15°C Rise
Maximum Power Dissipation at 90°C Ambient
Phenolic: 0.145 W
Iron and Ferrite Core: 0.062 W
Packaging Tape & reel (12mm): 7" reel, 750 pieces
max.; 13" reel, 2700 pieces max.
Made In the U.S.A. Patent Protected
M83446/20– SERIES M0820 PHENOLIC CORE
-00K
-02K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
M83446/21– SERIES M0820 IRON CORE
-18K
-20K
-22K
-24K
-26K
-28K
-30K
-32K
-34K
-36K
-38K
-40K
-42K
-44K
-46K
-48K
-50K
-52K
-54K
-56K
-58K
-60K
-62K
-64K
-66K
-68K
-70K
-72K
M83446/22– SERIES M0820 FERRITE CORE
-74K
-76K
-78K
-80K
-82K
-84K
-86K
-88K
-90K
-92K
-94K
-96K
Parts listed above are QPL/MIL qualified
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
M0820
Surface Mount Inductors
Series
M
I L I TA RY
A
P P R O V E D


Similar Part No. - M0820-60K

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
M0820-2R5205-R COOPER-M0820-2R5205-R Datasheet
253Kb / 2P
Supercapacitors
logo
Eaton All Rights Reserv...
M0820-2R5205-R EATON-M0820-2R5205-R Datasheet
347Kb / 3P
Cylindrical cells
More results

Similar Description - M0820-60K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
Surface mount inductors
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
Surface Mount Inductors
logo
XFMRS Inc.
XF0076S3 XFMRS-XF0076S3 Datasheet
34Kb / 2P
SURFACE MOUNT INDUCTORS
logo
API Delevan
M1330-94K API-M1330-94K Datasheet
46Kb / 1P
Surface Mount Inductors
logo
XFMRS Inc.
XF0036S5 XFMRS-XF0036S5 Datasheet
54Kb / 1P
SURFACE MOUNT INDUCTORS
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
SURFACE MOUNT INDUCTORS
XF0016S8 XFMRS-XF0016S8_15 Datasheet
49Kb / 1P
SURFACE MOUNT INDUCTORS
XF0026S8 XFMRS-XF0026S8_15 Datasheet
39Kb / 1P
SURFACE MOUNT INDUCTORS
XF677240 XFMRS-XF677240 Datasheet
76Kb / 2P
SURFACE MOUNT INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-1500 RENCO-RL-1500 Datasheet
623Kb / 3P
SURFACE MOUNT INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com