Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIL1330-92K Datasheet(PDF) 1 Page - API Delevan

Part # MIL1330-92K
Description  Unshielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

MIL1330-92K Datasheet(HTML) 1 Page - API Delevan

  MIL1330-92K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
18F
19F
1380
1300
1230
1120
1040
975
830
710
660
550
500
420
390
620
560
480
415
355
285
263
239
195
185
160
144
160
157
149
144
140
130
125
110
100
92
88
84
66
61
57
52
47
45
40
36
35
30
29
28
0.08
0.09
0.10
0.12
0.14
0.16
0.22
0.30
0.35
0.50
0.60
0.85
1.00
0.18
0.22
0.30
0.40
0.55
0.85
1.00
1.20
1.80
2.00
2.70
3.30
2.70
2.80
3.10
3.30
3.50
3.40
3.60
4.50
5.70
6.70
7.30
8.00
13.00
15.00
17.00
21.00
25.00
28.00
35.00
42.00
46.00
60.00
65.00
72.00
680.0
640.0
600.0
550.0
510.0
430.0
410.0
365.0
330.0
300.0
275.0
250.0
230.0
150.0
140.0
125.0
115.0
100.0
90.0
80.0
75.0
65.0
60.0
55.0
50.0
40.0
35.0
30.0
25.0
20.0
24.0
22.0
20.0
18.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.5
6.0
5.0
4.2
3.8
3.4
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
40
40
38
35
33
33
30
30
30
30
28
28
25
25
28
30
30
37
45
45
45
50
50
55
55
45
45
45
45
45
35
35
35
35
35
35
35
30
30
30
30
30
30
30
30
30
30
30
30
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.00
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
Military QPL Approval
M83446/31 Phenolic Core
M8344632 Iron Core
M83446/33 Ferrite Core
† Ordering Note Military parts must be ordered to
the M83446/ part number
Physical Parameters
Inches
Millimeters
A
0.300 to 0.325
7.62 to 8.26
B
0.105 to 0.125
2.67 to 3.18
C
0.125 to 0.145
3.18 to 3.68
D
0.020 Min.
0.508 Min
E
0.040 to 0.060
1.02 to 1.52
F
0.190 (Ref. only)
4.83 (Ref. only)
G
0.070 (Ref. only)
1.78 (Ref. only)
Weight Max (Grams) 0.30
Operating Temperature Range
Phenolic: –55°C to +125°C
Iron and Ferrite: –55°C to +105°C
Current Rating at 90°C Ambient
Phenolic: 35°C Rise
Iron and Ferrite: 15°C Rise
Maximum Power Dissipation at 90°C Ambient
Phenolic: 0.210 W
Iron: 0.090 W
Ferrite: 0.073 W
Packaging Tape & reel (16mm): 7" reel, 500 pieces
max.; 13" reel, 2200 pieces max.
Made In the U.S.A. Patent Protected
M83446/31 – SERIES MIL1330 PHENOLIC CORE
-94K
-96K
-00K
-02K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
-18K
-20K
M83446/32 – SERIES MIL1330 IRON CORE
-22K
-24K
-26K
-28K
-30K
-32K
-34K
-36K
-38K
-40K
-42K
-44K
-46K
-48K
-50K
-52K
-54K
M83446/33 – SERIES MIL1330 FERRITE CORE
-56K
-58K
-60K
-62K
-64K
-66K
-68K
-70K
-72K
-74K
-76K
-78K
-80K
-82K
-84K
-86K
-88K
-90K
-92K
Parts listed above are QPL/MIL qualified
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
MIL1330
Unshielded Surface Mount Inductors
Series
M
I L I TA RY
A
P P R O V E D
PAGE
28
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
4/2005


Similar Part No. - MIL1330-92K

ManufacturerPart #DatasheetDescription
logo
API Delevan
MIL1330-92K API-MIL1330-92K Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results

Similar Description - MIL1330-92K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
Unshielded Surface Mount Inductors
1330-94K ETC1-1330-94K Datasheet
38Kb / 1P
Unshielded Surface Mount Inductors
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
Unshielded Surface Mount Inductors
logo
API Delevan
1008R API-1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510-22F API-2510-22F Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com