Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL5610 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5610
Description  Low Dropout Linear Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5610 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5610 Datasheet HTML 1Page - Anpec Electronics Coropration APL5610 Datasheet HTML 2Page - Anpec Electronics Coropration APL5610 Datasheet HTML 3Page - Anpec Electronics Coropration APL5610 Datasheet HTML 4Page - Anpec Electronics Coropration APL5610 Datasheet HTML 5Page - Anpec Electronics Coropration APL5610 Datasheet HTML 6Page - Anpec Electronics Coropration APL5610 Datasheet HTML 7Page - Anpec Electronics Coropration APL5610 Datasheet HTML 8Page - Anpec Electronics Coropration APL5610 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5610/A
www.anpec.com.tw
3
Electrical Characteristics
Unless otherwise specified, these specifications apply over VCC = 5/12V, TA = -40 to 85
oC. Typical values are at T
A =25
oC.
APL5610/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
VCC = 12V
-
0.8
1.0
ICC
VCC Supply Current
VCC = 5V
-
0.8
1.0
mA
VCC = 12V, EN=GND
-
-
5
ISD
VCC Shutdown Current
VCC = 5V, EN=GND
-
-
5
µA
POWER-ON-RESET (POR)
VCC POR Threshold
VCC rising
3.8
4.0
4.2
V
VCC POR Hysteresis
-
0.4
-
V
REFERENCE VOLTAGE
VREF
Reference Voltage
VCC = 12V, TA = 25
oC
-
0.8
-
V
Reference Voltage Accuracy
VCC = 12V, TA = 25
oC
-0.5
-
0.5
%
Line Regulation
VCC = 4.5V to 13.2V
-1.5
-
1.5
%
FB Input Current
-100
-
100
nA
ERROR AMPLIFIER
Unity Gain Bandwidth
VCC = 5/12V
-
2
-
MHz
Open Loop DC Gain
VCC =12V, No Load
60
80
-
dB
PSRR
Power Supply Rejection Ratio
VCC =12V, 100Hz, No Load
50
-
-
dB
VCC =12V, IDRV (SOURCE) = 5mA, VFB = 0.6V
11.2
11.5
-
VDRV (high) DRV High Voltage
VCC =5V, IDRV (SOURCE) = 5mA, VFB = 0.6V
-
4.7
-
V
VCC =12V, IDRV (SINK) = 5mA, VFB = 1V
-
0.5
1
VDRV (low) DRV Low Voltage
VCC =5V, IDRV (SINK) = 5mA, VFB = 1V
-
0.8
-
V
VCC =12V, VDRV =6V, VFB = 0.6V
-
50
-
IDRV (source) DRV Source Current
VCC =5V, VDRV =2.5V, VFB = 0.6V
-
10
-
mA
VCC =12V, VDRV =6V, VFB = 1V
-
40
-
IDRV (sink)
DRV Sink Current
VCC =5V, VDRV =2.5V, VFB = 1V
-
10
-
mA
ENABLE
VEN (TH)
EN Logic High Threshold Voltage
VEN rising
-
0.8
-
V
EN Hysteresis
-
50
-
mV
EN Shutdown Debounce
VEN falling
-
2
-
µs
SOFT-START
TSS
Soft-Start Interval
100
200
300
µs
UNDER-VOLTAGE PROTECTION (UVP)
VUV (TH)
Under-Voltage Threshold
VEN =5V, VFB falling
68
75
82
%
UVP Debounce Interval
-
5
-
µs
POWER-OK AND DELAY
VPOK (TH) Rising POK Threshold Voltage
VCC =12V, VFB rising
-
90
-
%
POK Threshold Hysteresis
VCC =12V
-
15
-
%
POK Pull-Low Voltage
VCC =12V, POK sinks 4mA
-
0.2
0.4
V
POK Debounce Interval
VFB<falling POK voltage threshold
-
5
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com