Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL5930KAI Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5930KAI
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5930KAI Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5930KAI Datasheet HTML 1Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 2Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 3Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 4Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 5Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 6Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 7Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 8Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5930
www.anpec.com.tw
5
Typical Operating Characteristics
Current-Limit vs. Junction
Temperature
Junction Temperature (
)
oC
-50
-25
0
25
50
75
100
125
V
OUT = 1.2V
V
CNTL = 5V
V
CNTL = 3.3V
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Junction Temperature (
)
oC
Short Current-Limit vs. Junction
Temperature
V
CNTL = 5V
V
CNTL = 3.3V
-50
-25
0
25
50
75
100
125
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
V
CNTL = 5V
V
OUT = 1.2V
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
0
50
100
150
200
250
300
350
400
450
Output Current, I
OUT (A)
Dropout Voltage vs. Output Current
0
0.5
1
1.5
2
2.5
3
Output Current, I
OUT (A)
Droput Voltage vs. Output Current
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
V
CNTL = 3.3V
V
OUT = 1.2V
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
250
300
350
400
450
Output Current, I
OUT (A)
Dropout Voltage vs. Output Current
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
V
CNTL = 5V
V
OUT = 1.5V
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
250
300
350
400
Output Current, I
OUT (A)
Dropout Voltage vs. Output Current
V
CNTL = 5V
V
OUT = 1.8V
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
250
300
350
400
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com