Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA158B-VG.SBKS.VY-R1-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LA158B-VG.SBKS.VY-R1-PF
Description  LED ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA158B-VG.SBKS.VY-R1-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA158B-VG.SBKS.VY-R1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9.43
±0.5
11.97
±0.5
-
+
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
25.0MIN
LSBKS11241
-
+
2.54TYP
□0.5TYP
1.0MIN
3.5
1.6
3.0
1.5MAX
2.4
ψ1.8
25.0MIN
LVG21541-PF
LVY21541-PF
-
+
1.0MIN
2.54TYP
□0.5TYP
2.4
3.5
4.0
2.6
1.5MAX
ψ1.8
PART NO. LA158B/VG.SBKS.VY-R1-PF
10.16
1st
1.78
3.2
±0.5
2.54TYP
□0.5TYP
3.3
3rd
3.3
2nd
5.08
Package Dimensions
Page 1/7
1.5
±0.3
6.89
±0.5
1st
12.85
2nd
3rd
LA158B/VG.SBKS.VY-R1-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com