Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA158B-VG.VY.SBKS-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA158B-VG.VY.SBKS-R1-PF
Description  LED ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA158B-VG.VY.SBKS-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA158B-VG.VY.SBKS-R1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
3.5
----
2.6
Typ.
Forward
voltage
@20mA(V)
-30 ~ +100
Peak
wave
length
λPnm
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
COLOR
LA158B/VG.VY.SBKS-R1-PF
PART NO
----
565
1.7
30
Blue Transparent
Yellow Transparent
AlGaInP
Yellow
InGaN/SiC
Blue
590
----
20
1.7
475
----
----
26
Green Transparent
Lens
Emitted
Gap
Green
MATERIAL
Min.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Storage Temperature
Tstg
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
20
160
90
2.6
2008
900
----
20
280
120
4.2
20
Max. Min.
Typ.
℃
PART NO. LA158B/VG.VY.SBKS-R1-PF
Page 2/7
Absolute Maximum Ratings
Peak Forward Current
Duty 1/10@10KHz
Electrostatic Discharge( * )
Power Dissipation
Reverse Current @5V
Operating Temperature
50
10
Ir
Topr
-20 ~ +80
----
ESD
500
120
100
PD
IFP
120
100
Absolute Maximum Ratings at Ta=25
℃
Forward Current
Symbol
Parameter
30
IF
30
VG
SBKS
10
μA
℃
2000V
75
mW
60
mA
UNIT
30
mA
VY
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com