Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA165B-R-4SRG.X-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LA165B-R-4SRG.X-PF
Description  LED ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA165B-R-4SRG.X-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA165B-R-4SRG.X-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA165B-R-4SRG.X-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA165B-R-4SRG.X-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA165B-R-4SRG.X-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA165B-R-4SRG.X-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA165B-R-4SRG.X-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA165B-R-4SRG.X-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LSRG2692/S55-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LA165B-R/4SRG.X-PF
Package Dimensions
PART NO.
1/6
Page
3.CATHODE GREEN
1.CATHODE RED
2.COMMON ANODE
G
SR
1.CATHODE RED
2.COMMON ANODE
3.CATHODE GREEN
2
1
3
G
SR
2
1
3
2
+
1
-
3
-
31
2
-
+
-
-
-
++
-
-
3
1
22
13
SRG
G
SRG
SRG
SR
10.16
53.88
4.08
2.9
±0.3
2.6
±0.3
5.08
4.08
15.24
10.16
10.16
4.45
±0.5
6.35
1
2
3
1.5
MAX
18.0MIN
2.54TYP
2.54TYP
2.0MIN
2.0MIN
3.1
2.9
6.45
±0.5
□0.5
TYP
4.3
3.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com