Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM303DLH Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 6Page - STMicroelectronics LSM303DLH Datasheet HTML 7Page - STMicroelectronics LSM303DLH Datasheet HTML 8Page - STMicroelectronics LSM303DLH Datasheet HTML 9Page - STMicroelectronics LSM303DLH Datasheet HTML 10Page - STMicroelectronics LSM303DLH Datasheet HTML 11Page - STMicroelectronics LSM303DLH Datasheet HTML 12Page - STMicroelectronics LSM303DLH Datasheet HTML 13Page - STMicroelectronics LSM303DLH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Block diagram and pin description
LSM303DLH
10/47
Doc ID 16941 Rev 1
Table 2.
Pin description
Pin#
Name
Function
1
Reserved
Connect to GND
2
GND
0 V supply
3
Reserved
Connect to GND
4
SA0_A
Linear acceleration signal I2C less significant bit of the device
address (SA0)
5
Reserved
To be connected to Vdd I2C bus
6Vdd
Power supply
7
Reserved
Connect to Vdd
8
NC
Not connected
9
NC
Not connected
10
Reserved
Leave unconnected
11
Reserved
Leave unconnected
12
SET2
S/R capacitor connection (C2)
13
Reserved
Leave unconnected
14
Reserved
Leave unconnected
15
C1
Reserved capacitor connection (C1)
16
SET1
S/R capacitor connection (C2)
17
Reserved
Connect to GND
18
DRDY_M
Magnetic signal interface data ready - test point
19
SDA_M
Magnetic signal interface I2C serial data (SDA)
20
SCL_M
Magnetic signal interface I2C serial clock (SCL)
21
Vdd_dig_M
Magnetic sensor digital power supply
22
Vdd_IO_A
Linear acceleration signal interface power supply for I/O pins
23
Reserved
Connect to Vdd_IO_A
24
SCL_A
Linear acceleration signal interface I2C serial clock (SCL)
25
SDA_A
Linear acceleration signal interface I2C serial data (SDA)
26
INT1
Inertial interrupt 1
27
INT2
Inertial interrupt 2
28
Reserved
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com