Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFX89 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BFX89
Description  WIDE BAND VHF/UHF AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BFX89 Datasheet(HTML) 2 Page - Comset Semiconductor

  BFX89 Datasheet HTML 1Page - Comset Semiconductor BFX89 Datasheet HTML 2Page - Comset Semiconductor BFX89 Datasheet HTML 3Page - Comset Semiconductor BFX89 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BFX89
BFY90
COMSET SEMICONDUCTORS
2/4
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
RthJ-
Thermal Resistance, Junction – Case
Max
Thermal Resistance, Junction – ambient
Max
580
880
°C/W
°C/W
ELECTRICAL CHARACTERISTICS
Tamb = 25
°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min Typ
Mx
Unit
ICBO
Collector Cutoff Current
(IE=0)
VCB = 15V
-
-
10
nA
VCEK*
Collector-emitter Knee
Voltage
IC = 20mA
-
-
0.75
V
BFX89
-
1
-
VCE = 5V
f = 500MHZ
IC =2 mA
BFY90
1
1.1
-
BFX89
-
1.2
-
fT
Transition Frequency
VCE = 5V
f = 500MHZ
IC =25 mA
BFY90
1.3
1.4
-
GHz
BFX89
20
-
150
IC= 2mA
VCE= 1 V
BFY90
25
-
150
BFX89
20
-
125
hFE
DC Current Gain
IC= 25mA
VCE= 1 V
BFY90
25
-
125
-
BFX89
-
-
1.7
CCBO(1)
Collector-base Capacitance
IE =0
VCB = 10V
f= 1MHZ
VCE= 5
BFY90
-
-
1.5
pF
BFX89
-
0.6
-
Cre(2)
Reverse Capacitance
IC= 2mAV
f = 1MHZ
BFY90
-
0.6
0.8
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com