| Electronic Components Datasheet Search |
|
EVAL-ADE5169F62EBZ Datasheet(PDF) 94 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE5169F62EBZ Datasheet(HTML) 94 Page - Analog Devices |
|
94 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 94 of 156 INTERRUPT FLAGS The interrupt flags and status flags associated with the interrupt vectors are shown in Table 85 and Table 86, respectively. Most of the interrupts have flags associated with them. Table 85. Interrupt Flags Interrupt Source Flag Bit Name Description IE0 TCON[1] IE0 External Interrupt 0. TF0 TCON[5] TF0 Timer 0. IE1 TCON[3] IE1 External Interrupt 1. TF1 TCON[7] TF1 Timer 1. RI + TI SCON[1] TI Transmit interrupt. SCON[0] RI Receive interrupt. RI2 + TI2 SCON2[1] TI2 Transmit 2 interrupt. SCON2[0] RI2 Receive 2 interrupt. TF2 + EXF2 T2CON[7] TF2 Timer 2 overflow flag. T2CON[6] EXF2 Timer 2 external flag. ITEMP (Temperature ADC) N/A N/A Temperature ADC interrupt. Does not have an interrupt flag associated with it. IPSM (Power Supply) IPSMF[6] FPSM PSM interrupt flag. IADE (Energy Measurement DSP) MIRQSTL[7] ADEIRQFLAG Read MIRQSTH, MIRQSTM, MIRQSTL. Table 86. Status Flags Interrupt Source Flag Bit Name Description ITEMP (Temperature ADC) N/A N/A Temperature ADC interrupt. Does not have a status flag associated with it. ISPI/I2CI SPI2CSTAT1 N/A SPI interrupt status register. SPI2CSTAT N/A I2C interrupt status register. IRTC (RTC Interval Timer) TIMECON[6] ALFLAG RTC alarm flag. TIMECON[2] ITFLAG RTC interrupt flag. WDT (Watchdog Timer) WDCON[2] WDS Watchdog timeout flag. 1 There is no specific flag for ISPI/I2CI; however, all flags for SPI2CSTAT need to be read to assess the reason for the interrupt. A functional block diagram of the interrupt system is shown in Figure 89. Note that the PSM interrupt is the only interrupt in the highest priority level. If an external wake-up event occurs to wake the ADE5166/ ADE5169/ADE5566/ADE5569 from PSM2 mode, a pending external interrupt is generated. When the EX0 bit (Bit 0) or the EX1 bit (Bit 2) in the interrupt enable SFR (IE, Address 0xA8) is set to enable external interrupts, the program counter is loaded with the IE0 or IE1 interrupt vector. The IE0 and IE1 interrupt flags (Bit 1 and Bit 3, respectively) in the Timer/Counter 0 and Timer/Counter 1 control SFR (TCON, Address 0x88) are not affected by events that occur when the 8052 MCU core is shut down during PSM2 mode (see the Power Supply Management (PSM) Interrupt section). The temperature ADC and I2C/SPI interrupts are latched such that pending interrupts cannot be cleared without entering their respective interrupt service routines. Clearing the I2C/SPI status bits in the SPI interrupt status SFR (SPISTAT, Address 0xEA) does not cancel a pending I2C/SPI interrupt. These interrupts remain pending until the I2C/SPI interrupt vectors are enabled. Their respective interrupt service routines are entered shortly thereafter. The RTC interrupts are driven by the alarm and interval flags. Pending RTC interrupts can be cleared without entering the interrupt service routine by clearing the corresponding RTC flag in software. Entering the interrupt service routine alone does not clear the RTC interrupt. Figure 89 shows how the interrupts are cleared when the inter- rupt service routines are entered. Some interrupts with multiple interrupt sources are not automatically cleared, specifically, the PSM, ADE, UART, UART2, and Timer 2 interrupt vectors. Note that the INT0 and INT1 interrupts are cleared only if the external interrupt is configured to be triggered by a falling edge by setting IT0 (Bit 0) and IT1 (Bit 2) in the Timer/Counter 0 and Timer/ Counter 1 control SFR (TCON, Address 0x88). If INT0 or INT1 is configured to interrupt on a low level, the interrupt service routine is reentered until the respective pin goes high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |