Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRERT52C10-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRERT52C10-HF
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRERT52C10-HF Datasheet(HTML) 2 Page - Comchip Technology

  CZRERT52C10-HF Datasheet HTML 1Page - Comchip Technology CZRERT52C10-HF Datasheet HTML 2Page - Comchip Technology CZRERT52C10-HF Datasheet HTML 3Page - Comchip Technology CZRERT52C10-HF Datasheet HTML 4Page - Comchip Technology CZRERT52C10-HF Datasheet HTML 5Page - Comchip Technology CZRERT52C10-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
CZ RE RT 52C2 -HF
CZ RE RT 52C2 V2 -HF
CZ RE RT 52C2 V4 -HF
CZ RE RT 52C2 V7 -HF
CZ RE RT 52C3 -HF
CZ RE RT 52C3 V3 -HF
CZ RE RT 52C3 V6 -HF
CZ RE RT 52C3 V9 -HF
CZ RE RT 52C4 V3 -HF
CZ RE RT 52C4 V7 -HF
CZ RE RT 52C5 V1 -HF
CZ RE RT 52C5 V6 -HF
CZ RE RT 52C6 V2 -HF
CZ RE RT 52C6 V8 -HF
CZ RE RT 52C7 V5 -HF
CZ RE RT 52C8 V2 -HF
CZ RE RT 52C9 V1 -HF
CZ RE RT 52C1 0-HF
CZ RE RT 52C11-HF
CZ RE RT 52C1 2-HF
CZ RE RT 52C1 3-HF
CZ RE RT 52C1 5-HF
CZ RE RT 52C1 6-HF
CZ RE RT 52C1 8-HF
CZ RE RT 52C2 0-HF
CZ RE RT 52C2 2-HF
CZ RE RT 52C2 4-HF
CZ RE RT 52C2 7-HF
CZ RE RT 52C3 0-HF
CZ RE RT 52C3 3-HF
CZ RE RT 52C3 6-HF
CZ RE RT 52C3 9-HF
Part Nu mbe r
Mar ki ng
Co de
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
ZA
ZB
ZC
ZE
ZF
ZG
ZH
ZJ
ZK
ZM
ZN
ZP
ZQ
ZR
ZS
ZT
ZU
ZV
ZW
ZX
ZY
ZZ
1.90
2.09
2.28
2.57
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
Mi n
Ma x
2.10
2.31
2.52
2.84
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.51
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
85
83
95
95
95
95
95
78
60
40
10
8
7
7
10
15
20
20
25
30
40
50
50
55
80
80
80
80
90
90
Ma x
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
600
600
600
500
500
500
500
500
500
500
480
400
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
250
250
250
250
300
Ma x
1
IZ(mA)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
100
100
100
75
50
25
15
10
5
5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Ma x
1
VR(V)
1
1
1
1
1
1
1
1
2
0.8
1
2
3
5
7
7.5
8.5
9
10
11
12
14
15
17
18
20
23
25
27
29
6
VZ(V)
ZZT(Oh m)
ZZK( Oh m)
IR( uA)
Zener Voltage
Op erating
resistance
Ri sing
operating
Re sistance
Re verse
current
SMD Diodes Specialist
REV:A
O
Electrical Characteristics (TA=25 C)
SMD Zener Diode
Comchip Technology CO., LTD.
QW-G2011



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com