Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4653 Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # HDF4653
Description  SAW FILTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4653 Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  HDF4653 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 9Page - Shoulder Electronics Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
规格书编号
SPEC NO :
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 1 of 12
产
产品
品规
规格
格书
书
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT 产 品:
SAW FILTER
MODEL NO 型 号:
HD F4653
PREPARED 编 制:
CHECKED 审 核: Houshihong
APPROVED 批 准: CHARLES
D A T E 日 期:
2006-12-27
客户确认
CUSTOMER RECEIVED:
审核
CHECKED
批准
APPROVED
日期
DATE
无锡市好达电子有限公司
Shoulder Electronics Limited


Similar Part No. - HDF4653

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF4651 SHOULDER-HDF4651 Datasheet
311Kb / 13P
SAW FILTER
HDF4652 SHOULDER-HDF4652 Datasheet
289Kb / 12P
SAW FILTER
HDF465A1S4 SHOULDER-HDF465A1S4 Datasheet
158Kb / 8P
This specification shall cover the characteristics of SAW filter With F465A1 used for the page
HDF465AS4 SHOULDER-HDF465AS4 Datasheet
173Kb / 8P
This specification shall cover the characteristics of SAW filter With F465AS4 used for the page
HDF465BS4 SHOULDER-HDF465BS4 Datasheet
159Kb / 8P
This specification shall cover the characteristics of SAW filter With F465 used for the page
More results

Similar Description - HDF4653

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com