Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S8024RN Datasheet(PDF) 20 Page - Teridian Semiconductor Corporation

Part # 73S8024RN
Description  Low Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024RN Datasheet(HTML) 20 Page - Teridian Semiconductor Corporation

Back Button 73S8024RN Datasheet HTML 16Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 17Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 18Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 19Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 20Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 21Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 22Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 23Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 24Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
73S8024RN Data Sheet
DS_8024RN_020
20
Rev. 1.8
12.6 DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Supply Current
2.7
7.0
mA
IPC
Supply Current
VCC on, ICC=0
I/O, AUX1,
AUX2=high,
Clock not toggling
450
650
μA
IPCOFF
VPC supply current when
VCC = 0
CMDVCC High
345
550
μA
12.7 Voltage / Temperature Fault Detection Circuits
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDDF
VDD fault
(VDD Voltage supervisor
threshold)
No external resistor
on VDDF_ADJ pin
2.15
2.4
V
VPCF
VPC fault
(VPC Voltage supervisor
threshold)
VPC<VCC, a transient
event
VCC - 0.2
V
VCCF
VCC fault
(VCC Voltage supervisor
threshold)
VCC = 5v
4.20
4.55
V
VCC= 3v
2.5
2.7
V
TF
Die over temperature fault
115
145
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com