Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S8024RN-20IM/F Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 73S8024RN-20IM/F
Description  Low Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024RN-20IM/F Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  73S8024RN-20IM/F Datasheet HTML 1Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 2Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8024RN-20IM/F Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
73S8024RN
Low Cost Smart Card Interface
DATA SHEET
January 2009
Rev. 1.8
© 2009 Teridian Semiconductor Corporation
1
DESCRIPTION
The Teridian 73S8024RN is a single smart card (ICC)
interface IC that can be controlled by a dedicated control
bus. The 73S8024RN has been designed to provide full
electrical compliance with ISO-7816-3, EMV 4.0
(EMV2000) and NDS specifications.
Interfacing with the system controller is done through a
control bus, composed of digital inputs to control the
interface, and one interrupt output to inform the system
controller of the card presence and faults.
The card clock can be generated by an on-chip oscillator
using an external crystal or by connection to a clock
signal.
The 73S8024RN incorporates an ISO-7816-3
activation/deactivation sequencer that controls the card
signals. Level-shifters drive the card signals with the
selected card voltage (3V or 5V), coming from an internal
Low Drop-Out (LDO) voltage regulator. This LDO
regulator is powered by a dedicated power supply input
VPC. Digital circuitry is separately powered by a digital
power supply VDD.
With its embedded LDO regulator, the 73S8024RN is a
cost effective solution for any application where a 5V
(typically -5% +10%) power supply is available.
Hardware support for auxiliary I/O lines, C4 / C8 contacts,
is provided*.
Emergency card deactivation is initiated upon card
extraction or upon any fault generated by the protection
circuitry. The fault can be a card over-current, a VDD
(digital power supply)**, a VPC (regulator power supply), a
VCC (card power supply) or an over-heating fault.
The card over-current circuitry is a true current detection
function, as opposed to VCC voltage drop detection, as
usually implemented in ICC interface ICs.
The VDD voltage fault has a threshold voltage that can be
adjusted with an external resistor or resistor network. It
allows automated card deactivation at a customized VDD
voltage threshold value. It can be used, for instance, to
match the system controller operating voltage range.
APPLICATIONS
•
Set-Top-Box Conditional Access and Pay-per-
View
•
Point of Sales and Transaction Terminals
•
Control Access and Identification
* Pins/functions not available on 20-pin QFN package.
** User VDD_FLT threshold configuration not available on
20-pin QFN package.
ADVANTAGES
• Traditional step-up converter is replaced by a LDO
regulator:
Greatly reduced power dissipation
Fewer external components are required
Better noise performance
High current capability (90mA supplied to the card)
• SO28 package is pin-to-pin compatible with
industry-standard TDA8004 and TDA8024
• Card clock STOP (high and low) mode
• Small format (4x4x0.85mm) 20QFN package option
• True card over-current detection
FEATURES
• Card Interface:
Complies with ISO-7816-3, EMV 4.0 and NDS
A LDO voltage regulator provides 3V / 5V to the card
from an external power supply input
Provides at least 90mA to the card
ISO-7816-3 Activation / Deactivation sequencer with
emergency automated deactivation on card removal
or fault detected by the protection circuitry
Protection includes 3 voltage supervisors that detect
voltage drops on VCC (card), VDD (digital)**, and VPC
(regulator) power supplies
The VDD voltage supervisor threshold value can be
externally adjusted**
Over-current detection 150mA max
Card clock stop high or low*
2 card detection inputs, 1 for each possible user
polarity
Auxiliary I/O lines, for C4 / C8 contact signals*
Card CLK clock frequency up to 20MHz
• System Controller Interface:
3 Digital inputs control the card activation /
deactivation, card reset and card voltage
4 Digital inputs control the card clock (division rate
and card clock stop modes)
1 Digital output, interrupt to the system controller,
allows the system controller to monitor the card
presence and faults.
Crystal oscillator or host clock, up to 27MHz
• Regulator Power Supply:
4.75V to 5.5V (EMV 4.0)
4.85V to 5.5V (NDS)
• Digital Interfacing: 2.7V to 5.5V
• 6kV ESD Protection on the card interface
• Package: SO28, 20QFN or 32QFN


Similar Part No. - 73S8024RN-20IM/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S8024RN-20IM/F MAXIM-73S8024RN-20IM/F Datasheet
459Kb / 27P
Low-Cost Smart Card Interface
Rev 2; 6/12
More results

Similar Description - 73S8024RN-20IM/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
Low Cost Versatile Smart Card Interface
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
Low Cost Smart Card Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
logo
NXP Semiconductors
LPC11U00 PHILIPS-LPC11U00 Datasheet
551Kb / 2P
Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
Low-Cost Smart Card Interface
Rev 2; 6/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
Low Cost Smart Card Interface
August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com