Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OXPCIE840 Datasheet(PDF) 1 Page - PLX Technology

Part # OXPCIE840
Description  PCI Express to Parallel Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXPCIE840 Datasheet(HTML) 1 Page - PLX Technology

  OXPCIE840 Datasheet HTML 1Page - PLX Technology OXPCIE840 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXPCIe840, PCI Express to Parallel Port
Highlights
General Features
o
Single IEEE1284 parallel port
o
PCIe x1 end-point
-
Integrated 2.5 GT/s SerDes
o
11 x 11mm
2, 120-pin TFBGA package
o
Typical Power: 200 mWatts
Key Features
o
Standards Compliant
-
PCI Express Base Specification, r1.1 (backwards
compatible with PCIe r1.0a)
-
PCI Power Management Spec, r1.2
-
ExpressCard, Mini Card & AIC compatible
-
MSI/MSI-X compatible
-
ASPM (L0S, L1) Link power management
o
High Performance
-
IEEE1284 compliant parallel port:
Supports SPP, EPP, and ECP modes
5V tolerant parallel port IOs
Direction control logic for external parallel port
drivers
o
Flexibility
-
8 user-configurable GPIOs/PWMs
-
Device parameters configurable via EEPROM
-
1.8V, 2.5V or 3.3V UART & GPIO I/O voltage
o
Robust Operation
-
Operation from a single 3.3 V supply
-
Industrial temperature range -40°C to 85°C
o
Broad Device Driver Support
-
Windows Vista/XP/2K
-
WinCE 4.2/5.0/6.0
-
Linux 2.4/2.6
Part of the Expresso family of high performance PCI
Express devices, the OXPCIe840 is a single chip
parallel port device in a range of 2, 4 & 8 serial port
solutions, that includes the OXPCIe952, OXPCIe954
& OXPCIe958.
Incorporating PLX Technology’s high performance
parallel port technology, it combines outstanding
system performance with unrivaled flexibility for a
class leading connectivity solution.
Complete with the Oxide development tools and
certified device drivers, the OXPCIe840 is easy to
design-in and the ideal connectivity solution for a
diverse range of products including: PC Add-on
Cards, Industrial PC, Point of Sale Terminals,
Industrial Control, and Embedded Systems.
Accelerate your product development and time to
market with Oxide and PLX Technology’s easy to
design-in, high performance serial connectivity
solutions that just work.
© PLX Technology, www.plxtech.com
Page 1 of 2
4/29/2009, Version 1.00


Similar Part No. - OXPCIE840

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXPCIE200 PLX-OXPCIE200 Datasheet
158Kb / 2P
PCI Express multi-port bridge
OXPCIe200-TAAG PLX-OXPCIe200-TAAG Datasheet
158Kb / 2P
PCI Express multi-port bridge
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIe952-FBAG PLX-OXPCIe952-FBAG Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
PCI Express to Quad Serial Port
More results

Similar Description - OXPCIE840

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
OX12PCI840 PLX-OX12PCI840 Datasheet
146Kb / 2P
PCI Bridge to Parallel Port
OXPCIE200 PLX-OXPCIE200 Datasheet
158Kb / 2P
PCI Express multi-port bridge
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
PCI Express to Quad Serial Port
OXPCIE958 PLX-OXPCIE958 Datasheet
183Kb / 2P
PCI Express to Octal Serial Port
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com