Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OXPCIe954-FBAG Datasheet(PDF) 2 Page - PLX Technology

Part # OXPCIe954-FBAG
Description  PCI Express to Quad Serial Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXPCIe954-FBAG Datasheet(HTML) 2 Page - PLX Technology

  OXPCIe954-FBAG Datasheet HTML 1Page - PLX Technology OXPCIe954-FBAG Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OXPCIe954, PCI Express to Quad Serial Port
Outstanding Performance
The OXPCIe954 achieves ultra high performance by
combining the class leading 15Mbps asynchronous
data rates and deep FIFOs of PLX’s Oxford 950
UART, with advanced MSI interrupt handling and
bus master DMA for maximum throughput, minimum
CPU overhead and optimal system performance.
Configurable quad ports the OXPCIe954 includes a
host of advanced features such as, automated in-band
flow control, readable FIFO levels and RS485
turnaround delay, that provides further scope to fine
tune performance, while its flexible clock pre-scaler
provides for a wide range of baud rates.
With its high performance port expansion interface,
providing seamless expansion to 8 or 12 ports without
a PCIe switch, its comprehensive power management
and industrial temperature range the OXPCIe954 is
the perfect choice for high performance systems.
To support these advanced features the OXPCIe954 is
backed by a dedicated PLX device driver that is
quality assured, exhaustively tested and WHQL
approved; saving development time and providing
peace of mind.
OXPCIe954
Development Support
Design and evaluation of the OXPCIe954 couldn’t be
easier with this comprehensive reference design kit
(RDK). The RDK includes everything you need for
PC installation and evaluation including Hardware,
Oxide Development Tools and software device
drivers. Simply plug the half length PCI Express
evaluation board into any PCI Express slot, install the
software and its ready to go.
Changing the dynamics of device customization,
Oxide development tools enable customization of the
OXPCIe954 in minutes. No more complex, time
consuming, error prone manual editing of
programming files and driver source code; Oxide’s
intuitive graphical user interface provides simple
‘point and click’ feature selection and text box entry
for fast, error free customization with minimal
software expertise as well as instant access to up to
date documentation, software and reference designs.
Check the PLX website for details.
Ordering Information
Part Number
Description
OXPCIe954-FBAG
Quad Serial Port to PCIe Bridge
EK-OXPCIe954
Reference Design Kit
© PLX Technology, www.plxtech.com
Page 2 of 2
4/29/2009, Version 1.00



Html Pages

1 2