| Electronic Components Datasheet Search |
|
PEX8614 Datasheet(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8614 Datasheet(HTML) 2 Page - PLX Technology |
|
2 / 4 page ![]() Flexible Port Configurations The PEX 8614 flexible architecture supports a number of port configurations as required by the target applications as shown in figure 1 below. Figure 1. Port Configurations Hot-Plug for High Availability Hot-Plug capability allows users to replace hardware modules and perform maintenance without powering down the system. The PEX 8614 Hot-Plug capability feature makes it suitable for High Availability (HA) applications. If the PEX 8614 is used in an application where one or more of its downstream ports connect to PCI Express slots, each port’s Hot-Plug Controller can be used to manage the Hot-Plug event of its associated slot. Every port on the PEX 8614 is equipped with a Hot-Plug control/status register to support Hot-Plug capability through external logic via the I 2C interface. Dual Cast The PEX 8614 supports Dual Cast, a feature which allows for the copying of data (e.g. packets) from one ingress port to two egress ports allowing for higher performance in storage, security, and mirroring applications. Read Pacing The Read Pacing feature allows users to throttle the amount of read requests being made by downstream devices. In the case where a downstream device requests several long reads back- to-back, the Root Complex gets tied up in serving this downstream port. If this port has a narrow link and is therefore slow in receiving these read packets from the Root Complex, then other downstream ports may become starved – thus, impacting performance. The Read Pacing feature enhances performances by allowing for the adequate servicing of all downstream devices by intelligent handling of read requests. SerDes Power and Signal Management The PEX 8614 provides low power capability that is fully compliant with the PCI Express power management specification. In addition, the SerDes physical links can be turned off when unused for even lower power. The PEX 8614 supports software control of the SerDes outputs to allow optimization of power and signal strength in a system. The PLX SerDes implementation supports four levels of power – off, low, typical, and high. The SerDes block also supports loop-back modes and advanced reporting of error conditions, which enables efficient debug and management of the entire system. Port and Virtual Channel (VC) Arbitration The PEX 8614 switch supports hardware fixed and Weighted Round-Robin Ingress Port Arbitration. This allows fine tuning of Quality of Service and efficient use of packet buffers for better system performance. The PEX 8614 also supports WRR VC arbitration scheme between the two virtual channels. Applications Suitable for fan-out, control plane applications, embedded systems as well as intelligent I/O applications, PEX 8614 can be configured for a wide variety of form factors and applications. Fan-Out The PEX 8614 switch, with its high port count and flexible configurations, allows user specific tuning to a variety of host- centric as well as peer-to-peer applications. Control Processor Control Processor Memory Memory PEX 8614 PEX 8614 PEX 8614 PEX 8614 PCI PCI PCI PCI PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe PCIe FPGA FPGA FPGA FPGA PEX 8112 PEX 8112 PEX 8112 PEX 8112 FPGA FPGA FPGA FPGA PEX 8311 PEX 8311 PEX 8311 PEX 8311 DSP DSP DSP DSP PEX 8311 PEX 8311 PEX 8311 PEX 8311 Figure 2. Fan-in/out Usage Figure 2 shows a typical fan-out design, where the processor provides a PCI Express link that needs to be fanned into a larger number of smaller ports for a variety of I/O functions, each with different bandwidth requirements. In this example, the PEX 8614 would typically have a 1-lane upstream port, and as many as 11 downstream ports. The downstream ports provide x1 PCI Express connectivity to the endpoints. With its twelve ports, the PEX 8614 can provide fan-out connectivity to up to eleven PCI Express devices. The figure also shows how some of the ports can be bridged to provide PCI slots or Generic devices through the use of the PEX 8311 and PEX 8112 PCIe bridging devices. Control Plane Application The PEX 8614 is ideal for control planes in routers and other communications sub-systems to meet increased packet processing needs without compromising latency. Figure 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |