Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OXUFS936QSEFBAG Datasheet(PDF) 1 Page - PLX Technology

Part # OXUFS936QSEFBAG
Description  Universal Interface to Quad SATA RAID Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXUFS936QSEFBAG Datasheet(HTML) 1 Page - PLX Technology

  OXUFS936QSEFBAG Datasheet HTML 1Page - PLX Technology OXUFS936QSEFBAG Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXUFS936QSE, Universal Interface to Quad SATA RAID Controller
Highlights
General Features
o
High performance Universal Interface
(FireWire800, FireWire400, USB2.0 or
eSATA) to SATA storage controller
Key Features
o
High performance Universal Interface
(FireWire800, FireWire400, USB2.0 or
eSATA) to SATA storage controller
o
Integrated hardware RAID controller
supporting:
-
Disk striping with distributed parity
(RAID 5)
-
Disk striping with dedicated parity
(RAID 3)
-
Disk striping (RAID0) for maximum
performance
-
Disk striping with mirroring (RAID
10)
-
Disk spanning for large capacity
single volume
-
Support for hot spare disk
o
Supports SATA II Gen2m specification
and 3.0Gbps and 1.5Gbps interfaces
o
Hardware RAID rebuild engine (up to
HDD transfer rate)
o
Sustained transfer rates in excess of
240Mbytes/s (limited only by HDD or
interface transfer rates)
o
48 GPIO (24 dedicated, 24
multiplexed)
o
Integrated PWMs and Fan-Tacho
control
o
Flexible RAID User Agent (LED &
LCD support)
o
USB mass-storage class compliant
The
OXUFS936QSE
is
a
universal
interface
(eSATA,
FireWire800,
FireWire400, USB2.0) to quad SATA storage controller. Delivering industry
leading performance across all interfaces, the OXUFS936QSE supports a range
of 4-disk and 3-disk RAID configurations and provides a platform for OEMs to
develop a range of external storage systems.
The intgrated high-performance hardware RAID engine supports a range of
RAID modes which can deliver maximum performance (RAID 0) or the optimal
combination of performance and data protection via RAID 5, 3 or 10.
With integrated eSATA device port, IEEE1394b link, USB2.0 device and quad
SATA host controllers the OXUFS936QSE requires a mimum number of
external components and reduces total system cost.
Embedded ARM Processor
By managing the data flow, the on-chip ARM7 processor enables a whole new
series of standalone consumer electronic product to be developed in a simple
C/C++ programming environment.
USB2.0
The embedded USB2.0 PHY supports both full and high speed, using bulk-only
transport Mass Storage Class device protocol. Fast read and write transfers
ensure that the maximum possible host performance is maintained.
No additional USB host drivers are required, for either Windows® or Mac®
operating systems, for standard storage, button notification or GPIO control
applications.
FireWire
The embedded 1394 PHY and link layer supports both FireWire800 and
FireWire400 and complies with the 1394-1995 and 1394-2000 specifications.
No additional 1394 host drivers are required, for either Windows® or Mac®
operating systems for standard storage applications.
SATA Interface
The embedded 3GHz SATA host interfaces supports the latest revisions of the
SATA II specifications. In addition the eSATA device port also supports the
Gen2m interface.
Interface speeds of 3GHz and 1.5GHz deliver maximum
performance with minimum latency for external SATA storage.
© PLX Technology, www.plxtech.com
Page 1 of 1
4/8/2009, Version 1.0


Similar Part No. - OXUFS936QSEFBAG

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXUFS936DS PLX-OXUFS936DS Datasheet
244Kb / 2P
Universal Interface to Dual SATA RAID Controller
OXUFS936DSE PLX-OXUFS936DSE Datasheet
126Kb / 2P
Universal Interface to Dual SATA RAID Controller with Encryption
More results

Similar Description - OXUFS936QSEFBAG

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXUFS936DS PLX-OXUFS936DS Datasheet
244Kb / 2P
Universal Interface to Dual SATA RAID Controller
OXUFS936DSE PLX-OXUFS936DSE Datasheet
126Kb / 2P
Universal Interface to Dual SATA RAID Controller with Encryption
OXUFS946DSE PLX-OXUFS946DSE Datasheet
361Kb / 2P
Dual SATA RAID Controller with Encryption
logo
Protech Systems Co., Lt...
PSB-589LF PROTECHSYSTEMS-PSB-589LF Datasheet
586Kb / 2P
SATA port Supports Raid 0,1
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9271-8ICC AVAGO-SAS9271-8ICC Datasheet
240Kb / 2P
Eight-Port 6Gb/s PCI Express3.0 SATASAS RAID Controller
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
Express SATASAS RAID Controller
SAS9750-16I4E AVAGO-SAS9750-16I4E Datasheet
372Kb / 2P
Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com