Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33982B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33982B
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33982B Datasheet HTML 1Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33982
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33982 Simplified Internal Block Diagram
GND
Programmable
Watchdog
310–2500 ms
Over-temperature
Detection
Selectable
Output Current
Recopy
1/5400 or 1/40000
Open Load
Detection
Logic
SPI
3.0 MHz
Selectable Over-
current Low Detection
0.15–155 ms
Selectable
Low Detection
15–50 A
Selectable Over-current
High Detection
150 A or 100 A
Internal
Regulator
Programmable
Switch Delay
0–525 ms
Selectable Slew
Rate Gate Drive
Over-voltage
Protection
HS
CSNS
VPWR
VDD
CS
SO
SI
SCLK
FS
IN
RST
WAKE
FSI
VIC
VIC
IDWN
RDWN
IUP
IUP
Blanking Time
Overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com