Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33982BPNA/R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC33982BPNA/R2
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33982BPNA/R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC33982BPNA/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33982BPNA/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33982
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI INTERFACE CHARACTERISTICS
Rising Edge of CS to Falling Edge of CS (Required Setup Time)(26)
tCS
–
–
300
ns
Rising Edge of RST to Falling Edge of CS (Required Setup Time)(26)
tENBL
–
–
5.0
μs
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)(26)
tLEAD
–
50
167
ns
Required High-state Duration of SCLK (Required Setup Time)(26)
tWSCLKH
–
–
167
ns
Required Low-state Duration of SCLK (Required Setup Time)(26)
tWSCLKL
–
–
167
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)(26)
tLAG
–
50
167
ns
SI to Falling Edge of SCLK (Required Setup Time)(27)
tSI(SU)
–
25
83
ns
Falling Edge of SCLK to SI (Required Setup Time)(27)
tSI(HOLD)
–
25
83
ns
SO Rise Time
CL = 200 pF
tRSO
–
25
50
ns
SO Fall Time
CL = 200 pF
tFSO
–
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time(27)
tRSI
–
–
50
ns
SI, CS, SCLK, Incoming Signal Fall Time(27)
tFSI
–
–
50
ns
Time from Falling Edge of CS to SO Low-impedance(28)
tSO(EN)
–
–
145
ns
Time from Rising Edge of CS to SO High-impedance(29)
tSO(DIS)
–
65
145
ns
Time from Rising Edge of SCLK to SO Data Valid(30)
0.2 VDD ≤ SO ≤ 0.8 VDD, CL = 200 pF
tVALID
–
65
105
ns
Notes
26.
Maximum setup time required for the 33982 is the minimum guaranteed time needed from the microcontroller.
27.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
28.
Time required for output status data to be available for use at SO. 1.0 k
Ω on pull-up on CS.
29.
Time required for output status data to be terminated at SO. 1.0 k
Ω on pull-up on CS.
30.
Time required to obtain valid data out from SO following the rise of SCLK.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com