Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33984BPNA/R2 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MC33984BPNA/R2
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33984BPNA/R2 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MC33984BPNA/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33984BPNA/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33984
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 2. Thermal Test Board
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air.
This device is a dual die package. Index m indicates the
die that is heated. Index n refers to the number of the die
where the junction temperature is sensed.
HS1
HS0
16
15
VPWR
14
GND
13
16-Pin PQFN
0.90 mm Pitch
12.0 mm x 12.0 mm Body
33984 Pin Connections
A
A
1
11 10 9 8 7
6 5
4
3 2
12
Transparent Top View
A
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area,
including edge connector for
thermal testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 2. Thermal Resistance Performance
Thermal
Resistance
Area A
(mm2)
1 = Power Chip, 2 = Logic Chip (
°C/W)
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
055
42
74
300
41
31
66
600
38
29
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com