Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5121E Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
24
3.1.6
Thermal Characteristics
3.1.6.1
Heat Dissipation
An estimation of the chip-junction temperature, TJ, can be obtained from the following equation:
TJ =TA+(RθJA × PD)
Eqn. 3
Typical
300
mW
D5.5
PHY Power Supplies (USB_VDDA, SATA_VDDA)
Typical
200
mW
D5.6
1 Typical core power is measured at V
DD_CORE =1.4 V, Tj =25
oC.
NOTE
The maximum power depends on the supply voltage, process corner,
junction temperature, and the concrete application and clock
configurations.
The worst case power consumption could reach a maximum of 2000 mW.
Table 10. Thermal Resistance Data
Rating
Board Layers
Sym
Value
Unit
SpecID
Junction to Ambient Natural Convection1,2
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
Single layer board (1s)
RθJA
30
°C/W
D6.1
Junction to Ambient Natural Convection1,3
3 Per JEDEC JESD51-6 with the board horizontal.
Four layer board (2s2p)
RθJMA
22
°C/W
D6.2
Junction to Ambient (@200 ft/min)1,3
Single layer board (1s)
RθJMA
24
°C/W
D6.3
Junction to Ambient (@200 ft/min)1,3
Four layer board (2s2p)
RθJMA
19
°C/W
D6.4
Junction to Board4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
—RθJB
14
°C/W
D6.5
Junction to Case5
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
—RθJC
8°C/W
D6.6
Junction to Package Top6
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Natural Convection
Ψ
JT
2°C/W
D6.7
Table 9. Power Dissipation (continued)
Core Power Supply (VDD_CORE)
SpecID
Mode
High-Performance
Unit
e300 = 300 MHz, CSB = 200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com