Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5604PFF0VLL7R Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLL7R Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLL7R Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
36
•
LVDHV3 monitors VDD to ensure device reset below minimum functional supply
•
LVDHV5 monitors VDD when application uses device in the 5.0V ± 10% range
•
LVDLVCOR monitors low voltage digital power domain
3.7
Power up/down sequencing
The MPC5604P implements a precise sequence to ensure each module is started only when all conditions for switching it ON
are available. This prevents overstress event or miss-functionality within and outside the device:
•
a POWER_ON module working on voltage regulator supply is controlling the correct start-up of the regulator. This is
a key module ensuring safe configuration for all Voltage regulator functionality when supply is below 1.5V. Associated
POWER_ON (or POR) signal is active low.
•
Several Low Voltage Detectors, working on voltage regulator supply are monitoring the voltage of the critical modules
(Voltage regulator, I/Os, Flash and Low voltage domain). LVDs are gated low when POWER_ON is active.
•
a POWER_OK signal is generated when all critical supplies monitored by the LVD are available. This signal is active
high and released to all modules including I/Os, Flash and RC16 oscillator needed during power-up phase and reset
phase. When POWER_OK is low the associated module are set into a safe state.
Table 15. Low voltage monitor electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3V ± 10% / 5.0V ± 10%, TA = –40 to 125°C, unless otherwise specified
Value
Unit
Min
Max
VPORH
T
Power-on reset threshold
—
1.5
2.7
V
VPORUP
P
Supply for functional POR module
TA = 25°C
1.0
—
V
VREGLVDMOK_H
P
Regulator low voltage detector high threshold
—
—
2.95
V
VREGLVDMOK_L
P
Regulator low voltage detector low threshold
—
2.6
—
V
VFLLVDMOK_H
P
Flash low voltage detector high threshold
—
—
2.95
V
VFLLVDMOK_L
P
Flash low voltage detector low threshold
—
2.6
—
V
VIOLVDMOK_H
P
I/O low voltage detector high threshold
—
—
2.95
V
VIOLVDMOK_L
P
I/O low voltage detector low threshold
—
2.6
—
V
VIOLVDM5OK_H
P
I/O 5V low voltage detector high threshold
—
—
4.4
V
VIOLVDM5OK_L
P
I/O 5V low voltage detector low threshold
—
3.8
—
V
VMLVDDOK_H
P
Digital supply low voltage detector high
—
—
1.14
V
VMLVDDOK_L
P
Digital supply low voltage detector low
—
1.08
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com