Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5604PEF0MLL7R Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5604PEF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PEF0MLL7R Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5604PEF0MLL7R Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
26
3.2
Recommended operating conditions
Table 6. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Min
Max1
1 Full functionality cannot be guaranteed when voltage drops below 4.5 V. In particular, ADC electrical characteristics
and I/Os DC electrical specification may not be guaranteed.
Unit
VSS_HV
SR Digital ground
—
0
0
V
VDD_HV_IOx
2
2 The difference between each couple of voltage supplies must be less that 300 mV, |V
DD_HV_IOy – VDD_HV_IOx | <
100 mV.
SR 5.0 V input/output supply voltage
—
4.5
5.5
V
VSS_HV_IOx
SR Input/output ground voltage
—
0
0
V
VDD_HV_FL
SR 5.0 V code and data flash supply voltage
—
4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IO
x – 0.1
VDD_HV_IO
x +0.1
VSS_HV_FL
SR Code and data flash ground
—
0
0
V
VDD_HV_OSC
SR 5.0 V crystal oscillator amplifier supply
voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IO
x – 0.1
VDD_HV_IO
x +0.1
VSS_HV_OSC
SR 5.0 V crystal oscillator amplifier reference
voltage
—0
0
V
VDD_HV_REG
SR 5.0 V voltage regulator supply voltage
—
4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IO
x – 0.1
VDD_HV_IO
x +0.1
VDD_HV_AD0
3
3 The power supply voltage must be identical for ADC0 and ADC1
SR 5.0 V ADC0 supply and high reference
voltage
—4.5
5.5
V
Relative to
VDD_HV_REG
VDD_HV_R
EG – 0.1
—
VSS_HV_AD0
SR ADC0 ground and low reference voltage
—
0
0
V
VDD_HV_AD1
3
SR 5.0 V ADC1 supply and high reference
voltage
—4.5
5.5
V
Relative to
VDD_HV_REG
VDD_HV_R
EG – 0.1
—
VSS_HV_AD1
SR ADC1 ground and low reference voltage
—
0
0
V
VDD_LV_REGCOR
4,5 SR Internal supply voltage
—
—
—
V
VSS_LV_REGCOR
4
SR Internal reference voltage
—
0
0
V
VDD_LV_CORx
4,5
SR Internal supply voltage
—
—
—
V
VSS_LV_CORx
4
SR Internal reference voltage
—
0
0
V
TA
SR Ambient temperature under bias
fCPU = 64 MHz
–40
105
°C
fCPU = 60 MHz
–40
125
TJ
SR Junction temperature under bias
—
–40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com