Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXV6115VC6T1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6T1
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6T1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXV6115VC6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPXV6115V
Sensors
Freescale Semiconductor
3
Pressure
Maximum Ratings
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Figure 1. Fully Integrated Pressure Sensor Schematic
Table 2. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Units
Maximum Pressure (P1 > P2)
Pmax
400
kPa
Storage Temperature
Tstg
-40 to +125
°C
Operating Temperature
TA
-40 to +125
°C
Output Source Current @ Full Scale Output(2)
2. Maximum Output Current is controlled by effective impedance from Vout to Gnd or Vout to VS in the application circuit.
Io+0.5
mAdc
Output Sink Current @ Minimum Pressure Offset(2)
Io--0.5
mAdc
2
Sensing
Element
GND
Vout
VS
Pins 4, 5, and 6 are no connects
Thin Film
Temperature
Compensation
And
Gain Stage #1
Gain Stage #2
And
Ground
Reference
Shift Circuitry
4
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com