Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LFD3A5-64-R1-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LFD3A5-64-R1-XX
Description  FOUR DIGIT LED DISPLAY (0.3 Inch)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3A5-64-R1-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD3A5-64-R1-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3A5-64-R1-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3A5-64-R1-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3A5-64-R1-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3A5-64-R1-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3A5-64-R1-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3A5-64-R1-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3A5-64-R1-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Package Dimensions
LFD3A5/64/R1-XX
PART NO.
Page 1/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
G
B
F
C
DP
D
E
A
10.0
(0.394")
ψ0.45
TYP
7.6
(0.3")
2.54X9=22.86
(0.9")
6.0
±0.5
DIG.4
30.4(1.197")
DP4
LFD3A5/64/R1-XX
LIGITEK
DP3
DP6
DP7
DIG.1
DP1
DP2
DIG.3
DIG.2
DP5
13.2
(0.52")
DP10
7.0
(0.276")
DP8
DP9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com