Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82V42 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
HT82V42
Rev. 1.00
8
November 20, 2009
System Architecture
Introduction
A device block diagram showing the signal paths pres-
ent is provided. The HT82V42 samples a single channel
input VIN. The device then processes the sampled video
signal with respect to the video reset level or an inter-
nally/externally generated reference level for signal pro-
cessing. The processing channel consists of an Input
Sampling block with optional Reset Level Clamping
(RLC) and Correlated Double Sampling (CDS), an 8-bit
programmable offset DAC and an 8-bit Programmable
Gain Amplifier (PGA). The ADC then converts this ana-
logue signal to a 16-bit digital word. The digital output
from the ADC is presented on a 4-bit wide bus. On-chip
control registers determine the configuration of the de-
vice, including the offsets and gains applied to R/G/B
signal. These registers are programmable via a serial
interface.
Input Sampling
The HT82V42 can sample and process the input ana-
logue signals as follows:
· Monochrome
A single chosen input VIN is sampled, processed by
the corresponding channel, and converted by the
ADC. The choice of input can be changed via the con-
trol interface, e.g. on a line-by-line basis if required.
· Colour Line-by-Line
A single chosen input (Red, Green and Blue) is sam-
pled and multiplexed into the analogue channel for
processing before being converted by the ADC. The
input selected can be switched in turn (Red
® Green
® Blue ® Red ¼) together with the PGA and Offset
DAC control registers by pulsing the RLC/ACYC pin.
This is known as auto-cycling. Alternatively, other
sampling sequences can be generated via the control
registers. Refer to the Line-by-Line Operation section
for more details.
Clamp Voltage
The device contains an integrated single 4-bit DAC
which is controlled by register setting for the clamp volt-
age. The internal clamp is sampled on the positive edge
of DCLK that occurs during each CDSCLK2 pulse. The
sampled level, high (or low) controls the presence (or
absence) of the internal CL pulse on the next reset level.
The position of CL can be adjusted by using control bits
CDSREF[1:0].
Reset Sample and Clamp Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com