Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT1620 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HT1620
Rev. 1.80
9
July 27, 2009
PATENTED
The bold form of 1 0 0, namely 100, indicates the com-
mand mode ID. If successive commands have been is-
sued, the command mode ID will be omitted, except for
the first command. The LCD OFF command turns the
LCD display off by disabling the LCD bias generator.
The LCD ON command, on the other hand, turns the
LCD display on by enabling the LCD bias generator. The
BIAS and COM are the LCD panel related commands.
With the use of the LCD related commands, the HT1620
can be compatible with most types of LCD panels.
Command Format
The HT1620 can be configured by the S/W setting. There
are two mode commands to configure the HT1620 re-
sources and to transfer the LCD display data. The configu-
ration mode of the HT1620 is called command mode, and
its command mode ID is 100. The command mode con-
sists of a system configuration command, a system fre-
quency selection command, an LCD configuration
command, a tone frequency selection command, a
timer/WDT setting command, and an operating command.
The data mode, on the other hand, includes READ,
WRITE, and READ-MODIFY-WRITE operations. The fol-
lowing are the data mode IDs and the command mode ID:
Operation
Mode
ID
READ
Data
1 1 0
WRITE
Data
1 0 1
READ-MODIFY-WRITE
Data
1 0 1
COMMAND
Command
1 0 0
The mode command should be issued before the data or
command is transferred. If successive commands have
been issued, the command mode ID, 100, can be omit-
ted. While the system is operating in the non-successive
command or the non-successive address data mode,
the CS pin should be set to
²1² and the previous opera-
tion mode will be reset also. Once the CS pin returns to
²0², a new operation mode ID should be issued first.
Interfacing
Only four lines are required to interface with the
HT1620. The CS line is used to initialize the serial inter-
face circuit and to terminate the communication between
the host controller and the HT1620. If the CS pin is set to
1, the data and command issued between the host con-
troller and the HT1620 are first disabled and then initial-
ized. Before issuing a mode command or mode switching,
a high level pulse is required to initialize the serial interface
of the HT1620. The DATA line is the serial data input/out-
put line. Data to be read or written or commands to be writ-
ten have to be passed through the DATA line. The RD line
is the READ clock input. Data in the RAM are clocked out
on the falling edge of the RD signal, and the clocked out
data will then appear on the DATA line. It is recommended
that the host controller read in correct data during the in-
terval between the rising edge and the next falling edge of
the RD signal. The WR line is the WRITE clock input. The
data, address, and command on the DATA line are all
clocked into the HT1620 on the rising edge of the WR sig-
nal. There is an optional IRQ line to be used as an inter-
face between the host controller and the HT1620. The
IRQ pin can be selected as a timer output or a WDT over-
flow flag output by the S/W setting. The host controller can
perform the time base or the WDT function by connecting
with the IRQ pin of the HT1620.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com