Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LG-150Y-Y-R1-CT Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG-150Y-Y-R1-CT
Description  LED SMD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-150Y-Y-R1-CT Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG-150Y-Y-R1-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-150Y-Y-R1-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
mA
Forward Current
----
----
----
1.7
----
----
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Viewing Angle
2
θ 1/2
Y
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage
Y
VF
Y
△λ
λD
Y
2.6
----
----
140
140
deg
IF=20mA
35
----
----
2.6
----
V
nm
----
----
588
nm
IF=20mA
IF=20mA
IF=20mA
----
Typical Electrical & Optical Characteristics (Ta=25
℃)
3.2
Min.
Luminous Intensity
Items
Peak Wavelength
λP
Y
Iv
Y
Symbol
Operating Temperature
Storage Temperature
Soldering Temperature
Reverse Current @5V
Tstg
Tsol
Topr
Ir
CONDITION
6.0
----
----
----
585
nm
mcd
Max.
Typ.
UNIT
IF=20mA
IF=20mA
Max 260
℃ for 5 sec Max
-40 ~ +90
-40 ~ +85
10
℃
℃
μA
Absolute Maximum Ratings at Ta=25
℃
Parameter
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
IF
Symbol
65
80
25
Ratings
Y
mW
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/1
0
PART NO. LG-150Y/Y-R1-CT
Y
----
----
1.7
Y
Y
Y
35
----
588
----
Y585
3.2
Y6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com