Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA2240EG Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA2240EG
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2240EG Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA2240EG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2240EG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMA2240KEG
Sensors
2
Freescale Semiconductor
The block diagram of the MMA2240EG is shown in
Figure 1. The X-axis g-cell is constructed using surface
micromachining; and the interface IC is fabricated in a
1.2 micron (60%) silicon gate CMOS process.
The signal conditioning of the accelerometer channel
begins with a capacitance to voltage conversion (C to V)
followed by a 2-stage switched capacitor amplifier. This
2-stage amplifier has adjustable offset and gain trimming.
The offset and gain of the interface IC can be controlled by
the serially accessed EPROM trimming register.
Following the 2-stage amplifier the signal passes through
a 2-pole, switched capacitor filter with a Bessel characteristic.
The rolloff frequency of the filter is trimmed by adjusting the
frequency of the single on-chip oscillator. The frequency is
adjusted by trimming the bias current to the oscillator using
the EPROM trim register.
The output of the filter is then amplified by the output stage
which also has a temperature compensation circuit for
sensitivity which can be adjusted using the EPROM trim
register.
An adjustable self-test voltage to be applied to the
electrostatic deflection plate in the sensing element. Other
support circuits include a bandgap voltage reference for the
bias sources and the self-test voltage. The interface IC also
has its own power supply filter which feeds all the analog
functions in order to increase the power supply rejection ratio
(PSRR).
Included are several fault checks for low voltage detect
(LVD), clock and/or bias monitoring, and a check of the stored
“even” parity of the EPROM trim register. Failure of any of
these monitoring functions will result in the STATUS
input being driven high.
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Although the Freescale accelerometers contain internal
2kV ESD protection circuitry, extra precaution must be taken
by the user to protect the chip from ESD. A charge of over
2000 volts can accumulate on the human body or associated
test equipment. A charge of this magnitude can alter the
performance or cause failure of the chip. When handling the
accelerometer, proper ESD precautions should be followed
to avoid exposing the device to discharges which may be
detrimental to its performance.
Table 1. Maximum Ratings
(Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Unpowered Acceleration (all axes)(1)
1.
gshock
2000
0.5 ms duration
g
In use g shocks powered or unpowered
Capable of < 5 ppm device failure rate
Gshock in use
< 100
any duration
g
In use g shocks powered or unpowered
Capable of < 50 ppm device failure rate
Gshock in use
< 100 - 1500
≤ 0.6 ms duration
g
Supply Voltage
VDD
–0.3 to +7.0
V
Storage Temperature Range
Tstg
–40 to +125
°C
This device is sensitive to mechanical shock. Improper handling can cause permanent damage of the part or
cause the part to otherwise fail.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com