Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MLQA6 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MLQA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MLQA6 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MLQA6 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5633MF0MLQA6 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
79
MultiV3
(High Swing
Mode)
IDRV_MULTV_
HV
CC
D
40
50
11
TBD
TBD
CC
D
100
50
01
0.11
76.5
CC
D
500
50
00
0.02
56.2
CC
D
500
200
00
0.01
56.2
MultiV4
(Low Swing
Mode)
IDRV_MULTV_
HV
CC
D
40
30
11
TBD
TBD
CC
D
100
30
11
TBD
TBD
CC
D
500
30
11
TBD
TBD
CC
D
500
30
11
TBD
TBD
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins
only.
2 All loads are lumped.
3 Average current is for pad configured as output only.
4 In low swing mode, multi-voltage pads (pad_multv_hv) must operate in highest slew rate setting.
Table 22. VRC33 pad average DC current1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins
only.
Pad
Type
Symbol
C
Perio
d
(ns)
Load2
(pF)
2 All loads are lumped.
VRC33
(V)
VDDE
(V)
Drive
Select
IDD33
Avg
(µA)
IDD33
RMS
(µA)
Fast
IDRV_FC
CC
D
10
50
3.6
3.6
11
3.32
11.77
CC
D
10
30
3.6
3.6
10
2.28
7.07
CC
D
10
20
3.6
3.6
01
1.73
5.75
CC
D
10
10
3.6
3.6
00
1.39
4.77
CC
D
10
50
3.6
1.98
11
2.3
7.81
CC
D
10
30
3.6
1.98
10
1.64
4.96
CC
D
10
20
3.6
1.98
01
1.37
4.31
CC
D
10
10
3.6
1.98
00
1.06
4.09
Table 21. I/O pad VRC33 average IDDE specifications
1 (continued)
Pad Type
Symbol
C
Period
(ns)
Load2
(pF)
Slew Rate
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com