Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535BVTAKG Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTAKG Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTAKG Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8535BVTAKG Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 126 page
background image
Serial ATA (SATA)
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
83
RX Differential Mode
Return loss
150 MHz - 300 MHz
300 MHz - 600 MHz
600 MHz - 1.2 GHz
1.2 GHz - 2.4 GHz
2.4 GHz - 3.0 GHz
3.0 GHz - 5.0 GHz
RLSATA_RXDD11
—
—
—
—
—
—
—
—
—
—
—
—
18
14
10
8
3
1
dB
2, 3
RX Common Mode
Return loss
150 MHz - 300 MHz
300 MHz - 600 MHz
600 MHz - 1.2 GHz
1.2 GHz - 2.4 GHz
2.4 GHz - 3.0 GHz
3.0 GHz - 5.0 GHz
RLSATA_RXCC11
—
—
—
—
—
—
—
—
—
—
—
—
5
5
2
2
2
1
dB
2, 3, 4
RX Impedance Balance
150 MHz - 300 MHz
300 MHz - 600 MHz
600 MHz - 1.2 GHz
1.2 GHz - 2.4 GHz
2.4 GHz - 3.0 GHz
3.0 GHz - 5.0 GHz
RLSATA_RXDC11
—
—
—
—
—
—
—
—
—
—
—
—
30
30
20
10
4
4
dB
2, 3
Deterministic jitter
1.5G
3.0G
USATA_RXDJ
——
0.4
0.47
UI
—
Total Jitter
1.5G
3.0G
USATA_RXTJ
——
0.65
0.65
UI
—
Notes:
1. The min values apply only to Gen1m, and Gen2m. the min values for Gen1i is 325 mVp-p and for Gen2i is 275 mVp-p.
2. Only applies when operating in 3.0Gb data rate mode.
3. The max value stated for 3.0 GHz - 5.0 GHz range only applies to Gen2i mode and not to Gen2m mode.
4. The max value stated for 2.4 GHz - 3.0 GHz range only applies to Gen2i mode for Gen2m the value is 1.
5. Only applies to Gen1i mode.
Table 61. Differential Receiver (RX) Input Characteristics (continued)
Parameter
Symbol
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com