Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAQG Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAQG Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAQG Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8535EBVTAQG Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
High-Speed Serial Interfaces
Freescale Semiconductor
98
Figure 67. Single-Ended Measurement Points for Rise and Fall Time Matching
The other detailed AC requirements of the SerDes Reference Clocks is defined by each interface protocol based on application
usage. See the following sections for detailed information:
•
Section 2.9.3.2, “AC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK”
•
Section 2.21.2, “AC Requirements for PCI Express SerDes Clocks”
2.20.2.4.1
Spread Spectrum Clock
SD1_REF_CLK/SD1_REF_CLK were designed to work with a spread spectrum clock (+0 to -0.5% spreading at 30–33 kHz
rate is allowed), assuming both ends have same reference clock. For better results, a source without significant unintended
modulation should be used.
SD2_REF_CLK/SD2_REF_CLK are not intended to be used with, and should not be clocked by, a spread spectrum clock
source.
2.20.3 SerDes Transmitter and Receiver Reference Circuits
Figure 68 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 68. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section below (PCI Express, SATA or
SGMII) in this document based on the application usage:
•
Section 2.9.3, “SGMII Interface Electrical Characteristics”
•
Section 2.21, “PCI Express”
•
Section 2.16, “Serial ATA (SATA)”
Please note that external AC Coupling capacitor is required for the above three serial transmission protocols with the capacitor
value defined in specification of each protocol section.
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
50
Ω
50
Ω
Receiver
Transmitter
SD1_TXn or
SD2_TXn
SD1_TXn or
SD2_TXn
SD1_RXn or
SD2_RXn
SD1_RXn or
SD2_RXn
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com